Electronic Components Datasheet Search
  English  ▼

X  

BA6901F Datasheet(PDF) 10 Page - Rohm

Part # BA6901F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 10 Page - Rohm

Back Button BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm BA6901F Datasheet HTML 10Page - Rohm BA6901F Datasheet HTML 11Page - Rohm BA6901F Datasheet HTML 12Page - Rohm BA6901F Datasheet HTML 13Page - Rohm BA6901F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/17
BA6901F
Datasheet
Datasheet
TSZ02201-0H1H0B100500-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・15・001
www.rohm.com
3) Charging and discharging pulse circuit compatible with temperature variable speed control
When an external capacitor and resistor are connected to CR terminal, saw wave is generated by charging and
discharging of capacitor corresponding to the cycle of hall signal. Saw wave of CR terminal changes with the external
capacitor and resistor. Waveform of CR terminal is output to TOUT by buffer amplifier.
CR terminal is variable from VCRCP (0.35V:typ., see the electric characteristics) to Vcc. When CR voltage is above
Vcc-VTOH (1V:typ., see the electric characteristics), CR terminal signal is not output to TOUT terminal as shown in
Fig.15.
Fig.15 CR terminal and TOUT terminal timing chart
CR
TOUT
VCRCP
(typ.
:0.35V)
VTOL
(typ.
:1V)
Hall input
CR
TOUT
VTOL
(typ.
:1V)
VCRCP
(typ.
:0.35V)
Vcc-VTOH
(typ.
:Vcc-1V)
Vcc-VTOH
(typ.
:Vcc-1V)
Hall input
Vcc-VTOH
(typ.
:Vcc-1V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com