Electronic Components Datasheet Search
  English  ▼

X  

BA6901F Datasheet(PDF) 1 Page - Rohm

Part # BA6901F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 1 Page - Rohm

  BA6901F Datasheet HTML 1Page - Rohm BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/17
TSZ02201-0H1H0B100500-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・14・001
Datasheet
www.rohm.com
DC Brushless Motor Drivers for Cooling Fans
Two-phase Full-wave
DC Brushless Fan Motor Drivers
BA6901F
●General description
BA6901F is two-phase half-wave fan motor driver. They
incorporate lock protection, automatic restart circuit and
FG/AL output. Some of them have variable speed
control function.
●Features
Current Limit circuit
PWM control (PWM pulse signal input)
Incorporates lock protection and automatic restart
circuit
Lock alarm signal(AL) output
Rotation speed pulse signal (FG) output
●Package
W (Typ.) x D (Typ.) x H (Max.)
SOP-16
10.00mm x 6.20mm x 1.71mm
●Application
For desktop PC, server, general consumer equipment, communication equipment and industrial equipment.
●Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Supply voltage
Vcc
36
V
Power dissipation
Pd
625*
mW
Operating temperature
Topr
-40∼+100
℃
Storage temperature
Tstg
-55∼+150
℃
Output current
Iomax
70
mA
FG signal output current
Ifg
15
mA
FG signal output voltage
Vfg
36
V
AL signal output current
Ial
15
mA
AL signal output voltage
Val
36
V
Junction temperature
Tjmax
150
℃
*
Reduce by 5.0mW/°C over Ta=25°C. (On 70.0mm×70.0mm×1.6mm glass epoxy board)
●Recommended operating conditions
Parameter
Symbol
Limit
Unit
Operating supply voltage range
Vcc
3.5∼28.0
V
Hall input voltage range
VH
0∼Vcc-2.2
V
SOP16


Similar Part No. - BA6901F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
2-Phase half-wave motor pre driver for fan motor
BA6901F ROHM-BA6901F Datasheet
252Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_11 Datasheet
110Kb / 5P
Silicon Monolithic Integrated Circuit
More results

Similar Description - BA6901F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868 Datasheet
32Kb / 4P
Two-Phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
43Kb / 5P
Two-Phase Brushless Fan Motor Driver
LB1962M SANYO-LB1962M Datasheet
47Kb / 7P
Fan Motor Single-Phase Full-Wave Drivers
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
Two-Phase Brushless Fan Motor Driver
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Rohm
BD6989FVM-TR ROHM-BD6989FVM-TR Datasheet
1Mb / 17P
Low-voltage Single-phase Full-wave DC Brushless Fan Motor Drivers
BD6701F ROHM-BD6701F_12 Datasheet
518Kb / 17P
Two-phase Full-wave DC Brushless Fan Motor Drivers
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
Three-phase Full-wave DC Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com