Electronic Components Datasheet Search
  English  ▼

X  

BA6901F Datasheet(PDF) 5 Page - Rohm

Part # BA6901F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 5 Page - Rohm

  BA6901F Datasheet HTML 1Page - Rohm BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/17
BA6901F
Datasheet
Datasheet
TSZ02201-0H1H0B100500-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・15・001
www.rohm.com
●Typical performance curves(Reference data)
0.0
1.0
2.0
3.0
4.0
5.0
0
6
12
18
24
30
Supply voltage, Vcc [V]
-2.0
0.0
2.0
4.0
6.0
0
6
12
18
24
30
Supply voltage, Vcc [V]
-20
-10
0
10
20
0
6
12
18
24
30
Supply voltage, Vcc [V]
0
2
4
6
8
10
0
6
12
18
24
30
Supply voltage, Vcc [V]
-40℃
25℃
100℃
-40℃
25℃
100℃
-40℃
25℃
100℃
-40℃
25℃
100℃
-40℃
25℃
100℃
-40℃
25℃
100℃
Fig.3 Circuit current
Fig.4 Hall input hysteresis
Fig.5 Charge-discharge current of
capacitor for lock detection
Fig.6 Clamp-comparison voltage of
capacitor for lock detection
Operating Voltage Range
Operating Voltage Range
Operating Voltage Range
Operating Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com