Electronic Components Datasheet Search
  English  ▼

X  

BA6901F Datasheet(PDF) 9 Page - Rohm

Part # BA6901F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 9 Page - Rohm

Back Button BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm BA6901F Datasheet HTML 10Page - Rohm BA6901F Datasheet HTML 11Page - Rohm BA6901F Datasheet HTML 12Page - Rohm BA6901F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/17
BA6901F
Datasheet
Datasheet
TSZ02201-0H1H0B100500-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・15・001
www.rohm.com
●Description of operations
1) Lock protection and automatic restart
○CR timer system
Charging and discharging time at LD terminal depends on the capacitor equipped externally on LD terminal. Charging
and discharging time is determined as follows:
C
: Capacity of capacitor equipped externally on LD terminal
VLDCL
: LD terminal clamping voltage
VLDCP : LD terminal comparator voltage
ILDC
: LD terminal charging current
ILDD
: LD terminal discharging current
Timing chart of LD terminal is shown in Fig.13.
Fig.13 Lock protection (CR timer system) timing chart
2) PWM terminal
The signal input to PWM terminal is below L (0.8V or less), output (A1 and A2) turns off. And when it is above H (2.0V
or more), output turns on. PWM terminal is pulled up by resistor (30kΩ:typ.) inside IC. When it is open, the output is in
operating mode.
Fig.14 Timing chart in PWM control
TON(charging time) =
C×(VLDCL-VLDCP)
ILDC
TOFF(discharging time)=
C×(VLDCL-VLDCP)
ILDD
H-
Motor
locking
Lock
detection
Lock
release
A1
LD terminal clamping
voltage
AL
LD
Recovers normal
operation
Output Tr OFF
TON
HIGH(open collector)
TOFF
ON
FG
LD terminal comparator
voltage
PWM
H+
A1
A2
FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com