Electronic Components Datasheet Search
  English  ▼

X  

STW5094 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW5094 Datasheet HTML 7Page - STMicroelectronics STW5094 Datasheet HTML 8Page - STMicroelectronics STW5094 Datasheet HTML 9Page - STMicroelectronics STW5094 Datasheet HTML 10Page - STMicroelectronics STW5094 Datasheet HTML 11Page - STMicroelectronics STW5094 Datasheet HTML 12Page - STMicroelectronics STW5094 Datasheet HTML 13Page - STMicroelectronics STW5094 Datasheet HTML 14Page - STMicroelectronics STW5094 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11/37
STw5094
Control Register CR2 Functions (Address: 0x02)
(1) Significant in companded mode only.
Control Register CR3 Functions (Address: 0x03)
(1) Significant in companded mode only.
Control Register CR4 Functions (Address: 0x04)
*: state at power on initialization
(1) When the single ended line input MIC3 is selected, microphone gain must be set to 0dB (PG=1, TXA=0000).
Control Register CR5 Functions (Address: 0x05)
*: state at power on initialization
X: reserved: write 0
(1): Valid only when Voice Data Fs=8kHz (VFS=0). When Voice data Fs=16kHz (VFS=1) The High Pass Filter is always disabled.
765432
10
Function
DRD(7:0)
msb
lsb
Data sent to Receive path or Data received from DR input (1)
765432
10
Function
DXD(7:0)
msb
lsb
DX data transmitted (1)
765432
10
Function
MS(1:0)
MB
PG
TXA(3:0)
0
0
1
1
0
1
0
1
Transmit input muted
*
MIC1 Selected
MIC2 Selected
MIC3 Selected
(1)
0
1
MBIAS output disabled
*
MBIAS output enabled
0
1
20dB preamplifier gain
*
0dB preamplifier gain
(1)
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB Transmit Amplifier gain
(1)*
1.5 dB Transmit Amplifier gain
Transmit Amplifier in 1.5 dB step
22.5 dB Transmit Amplifier gain
765432
10
Function
HPB
SI
SA(3:0)
XX
0
1
Voice Codec Receive High Pass filter enabled
(1) *
Voice Codec Receive High Pass filter disabled
0
1
Voice Codec internal sidetone disabled
*
Voice Codec internal sidetone enabled
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
-12.5 dB Sidetone gain
*
-13.5 dB Sidetone gain
Sidetone gain in 1 dB step
-27.5 dB Sidetone gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com