Electronic Components Datasheet Search
  English  ▼

X  

STW5094 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW5094 Datasheet HTML 27Page - STMicroelectronics STW5094 Datasheet HTML 28Page - STMicroelectronics STW5094 Datasheet HTML 29Page - STMicroelectronics STW5094 Datasheet HTML 30Page - STMicroelectronics STW5094 Datasheet HTML 31Page - STMicroelectronics STW5094 Datasheet HTML 32Page - STMicroelectronics STW5094 Datasheet HTML 33Page - STMicroelectronics STW5094 Datasheet HTML 34Page - STMicroelectronics STW5094 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
31/37
STw5094
STEREO AUDIO DAC and FM CHARACTERISTICS (Unless otherwise specified, VCC = 2.7V to 3.3V,
Tamb = -30°C to 85°C; typical characteristics are specified at VCC =3V, Tamb = 25°C; OCK = 12.288MHz;
Full-Scale Input Sine Waves, 1015.625Hz; Input Sample Rate (Fs) = 48kHz; Input Data = 18Bits;
SCK = 3.072 MHz;
Measurement
Bandwidth
is
20Hz
to
20kHz,
unweighted.
Resistive
load
on
HPL, HPR = 30
Ω)
(*) Valid for I2S input (Audio Mode).
NOTE: Fs range: 8kHz - 48kHz.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
N
Resolution (*)
18
Bits
DYNR
Dynamic Range
A-weighted
89
92
dB
THDL
Total Harmonic Distortion
maximum load
2Vpp output
HPL, HPR gain set to -6dB
30
Ω load
0.01
0.03
%
THD
Total Harmonic Distortion
2Vpp output
HPL, HPR gain set to -6dB
1k
Ω load
0.004
%
Deviation from Linear Phase (*)
Measurement Bandwidth 20Hz to
20kHz, Fs= 48kHz.Combined
digital and analog filter
characteristics.
1
°
fPB
Passband (*)
Combined Digital and Analog
filter characteristics.
0
0.45Fs
kHz
Passband Ripple (*)
Combined Digital and Analog
filter characteristics.
0.2
dB
fSB
StopBand (*)
Combined Digital and Analog
filter characteristics.
0.55Fs
kHz
StopBand Attenuation (*)
Combined Digital and Analog
filter characteristics.
Measurement Bandwidth up to
3.45Fs
50
dB
TSF
Transient suppression filter cutoff
frequency
20
Hz
Out Of Band Noise
Measurement Bandwidth 20kHz
to 100kHz. Zero input signal
-90
dBr
tgd
Group Delay (*)
0.4
ms
Interchannel Isolation (*)
HPR, HPL unloaded
100
dB
Interchannel Gain Mismatch
0.2
dB
Gain Error
0.5
dB
SUT
Startup Time from Power Up
11
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com