Electronic Components Datasheet Search
  English  ▼

X  

STW5094 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW5094 Datasheet HTML 8Page - STMicroelectronics STW5094 Datasheet HTML 9Page - STMicroelectronics STW5094 Datasheet HTML 10Page - STMicroelectronics STW5094 Datasheet HTML 11Page - STMicroelectronics STW5094 Datasheet HTML 12Page - STMicroelectronics STW5094 Datasheet HTML 13Page - STMicroelectronics STW5094 Datasheet HTML 14Page - STMicroelectronics STW5094 Datasheet HTML 15Page - STMicroelectronics STW5094 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
STw5094
12/37
Control Register CR6 Functions (Address: 0x06)
(1): OCK frequency must be 256 times Audio Data Fs frequency.
(2): OCK frequency must be 512 times Audio Data Fs frequency.
*: state at power on initialization
X: reserved: write 0
Control Register CR7 Functions (Address: 0x07)
*: state at power on initialization
X: reserved: write 0
Control Register CR8 Functions (Address: 0x08)
*: state at power on initialization
X: reserved: write 0
7
6
5
4
32
10
Function
LAY(1:0)
AFS(1:0)
OS(1:0)
SE
RTE
0
0
1
0
1
X
Audio Data Fs is 32 or 44.1 or 48 kHz
(1) *
Audio Data Fs is 16 or 22.025 or 24 kHz.
(1)
Audio Data Fs is 8 or 11.025 or 12 kHz.
(2)
0
0
1
0
1
X
Audio Data Fs is 44.1 or 22.05 or 11.025 kHz
*
Audio Data Fs is 48 or 24 or 12 kHz.
Audio Data Fs is 32 or 16 or 8 kHz.
0
0
1
1
0
1
0
1
Output Drivers off
*
LSP
⁄ N output Driver selected.
HPL output Driver selected.
HPL and HPR output Drivers selected.
0
1
Audio or Voice Codec Signal to LS or HP disabled
*
Audio or Voice Codec Signal to LS or HP enabled.
0
1
Ring
⁄ Tone to LS or HP disabled
*
Ring
⁄ Tone to LS or HP enabled.
765432
10
Function
MUT
LSA(3:0)
XXX
0
1
The selected output Drivers are operative
*
The selected output Drivers are muted
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
Earpiece
⁄ Loudspeaker Amplifier 6 dB gain
*
Earpiece
⁄ Loudspeaker Amplifier 4 dB gain
Earpiece
⁄ Loudspeaker Amplifier gain in 2 dB step
Earpiece
⁄ Loudspeaker Amplifier -24 dB gain
765432
10
Function
HPLA(4:0)
XXX
0
0
-
1
0
0
-
0
0
0
-
1
0
0
-
0
0
1
-
0
Headphones amplifier (Left channel) 0 dB gain
*
Headphones amplifier (Left channel) -2 dB gain
Headphones amplifier (Left channel) gain in 2 dB step
Headphones amplifier (Left channel) -40 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com