Electronic Components Datasheet Search
  English  ▼

X  

STW5094 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW5094 Datasheet HTML 16Page - STMicroelectronics STW5094 Datasheet HTML 17Page - STMicroelectronics STW5094 Datasheet HTML 18Page - STMicroelectronics STW5094 Datasheet HTML 19Page - STMicroelectronics STW5094 Datasheet HTML 20Page - STMicroelectronics STW5094 Datasheet HTML 21Page - STMicroelectronics STW5094 Datasheet HTML 22Page - STMicroelectronics STW5094 Datasheet HTML 23Page - STMicroelectronics STW5094 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
STw5094
20/37
Figure 5. Audio Interface (I2S I/F) Formats
LRCK
SCK
SDI
16
1
2
13
14
15
16
1
2
13
14
15
16
Left channel
Right channel
MSB
LSB
MSB
LSB
I2S Format (delayed), Data word 16 bit, MSB first (default)
LRCK
SCK
SDI
X
1
2
17
18
x
1
2
Left channel
Right channel
I2S Format (delayed), Data word 18 bit, Left justified, LSB first
x
LSB
MSB
LSB
16 SCK
17
18
x
x
MSB
32 SCK
LRCK
SCK
SDI
1
2
3
23
24
x
2
3
Left channel
Right channel
Non-delayed Format, Data word 24 bit, Left justified, MSB first, LRCK polarity inverted
1
MSB
LSB
MSB
23
24
x
1
LSB
32 SCK
LRCK
SCK
SDI
1
2
3
14
15
16
1
2
3
14
15
16
1
Left channel
Right channel
Non-delayed Format, SCK polarity inverted, Data word 16 bit, LSB first
16 SCK
MSB
MSB
LSB
LSB
For the other possible formats see Control Register CR16 description
LRCK
SCK
SDI
x
18
Left channel
Right channel
Data word 18 bit, Right justified, MSB first
x
MSB
x
1
2
x
LSB
32 SCK
18
x
x
MSB
x
1
2
LSB
32 SCK
32 SCK
32 SCK
16 SCK
16 SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com