Electronic Components Datasheet Search
  English  ▼

X  

SDA9401 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SDA9401
Description  Scan Rate Converter using Embedded DRAM Technology Units
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDA9401 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SDA9401 Datasheet HTML 35Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 36Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 37Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 38Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 39Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 40Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 41Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 42Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
SDA 9401
Micronas
39
Preliminary Data Sheet
Distance: Number of pixels in system clocks X1/CLK2 between two output H-Syncs
time to close = time(field) * number of active pixels / (distance/512)
e.g. time to close = 10 ms * 720 / (864/512) = 4,26 s
time to close = time(field) * number of active pixels / (pplop/128)
Output write parameter: WINDVSP
LPFIP: Lines per field of the input signal - amount of lines between two input V-Syncs
time to close = time(field(interlaced)/frame(progressive)) * number of active lines / (lpfip/256)
e.g. time to close = 10 ms * 576 / (312/256) = 4.7 s
time to close = time(field) * number of active lines / (lpfop/128)
Output write parameter
11
pplop/32
distance/64
~0.5s
windvsp
freerun
mode
locked
mode
time to close/
open (e.g. 576
active lines,
10ms per output
field)
00
lpfop/128
lpfip/256
~5s
01
lpfop/64
lpfip/128
~2s
10
lpfop/32
lpfip/64
~1s
11
lpfop/16
lpfip/32
~0.5s
Parameter
Subaddress
Description
WINDVON
1: on
0: off
15h
Vertical window feature on or off
WINDVDR
1: close window
0: open window
15h
Direction of the vertical window feature
WINDVST
1: window is opened
0: window is closed
15h
Status of the vertical window feature after enabling the
window feature
WINDVSP
15h
Speed of the vertical window feature
windhsp
freerun
mode
locked
mode
time to close/
open (e.g. 720
active pixel,
10ms per output
field)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com