Electronic Components Datasheet Search
  English  ▼

X  

SDA9401 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SDA9401
Description  Scan Rate Converter using Embedded DRAM Technology Units
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDA9401 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SDA9401 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
SDA 9401
Micronas
4
Preliminary Data Sheet
1
General description
The SDA 9401 is a new component of the Micronas MEGAVISION® IC set in a 0.35 µm embedded
DRAM technology (field memory embedded). The SDA 9401 is pin compatible to the SDA 9400
(frame memory embedded). The SDA 9401 comprises all main functionalities of a digital featurebox
in one monolithic IC.
The SDA 9401 does a simple 100/120 Hz interlaced (50/60 Hz progressive) scan rate conversion.
The scan rate converted picture can be vertically expanded. The SDA 9401 has a freerunning
mode, therefore features like multiple picture display (e.g. tuner scan) are possible.
The noise reduction is field based. Furthermore separate motion detectors for luminance and
chrominance have been implemented. For automatic controlling of the noise reduction parameters a
noise measurement algorithm is included, which measures the noise level in the picture or in the
blanking period. In addition a spatial noise reduction is implemented, which reduces the noise even
in the case of motion. The input signal can be compressed horizontally and vertically with a certain
number of factors. Therefore split screen modes are supported too.
Beside these additional functions like coloured background, windowing and flashing are
implemented.
2
Features
• Two input data formats
- 4:2:2 luminance and chrominance parallel (2 x 8 wires)
- ITU-R 656 data format (8 wires)
• Two different representations of input chrominance data
- 2‘s complement code
- Positive dual code
• Flexible input sync controller
• Flexible compression of the input signal
- Digital vertical compression of the input signal (1.0, 1.25, 1.5, 1.75, 2.0, 3.0, 4.0)
- Digital horizontal compression of the input signal (1.0, 2.0, 4.0)
• Noise reduction
- Motion adaptive spatial and temporal noise reduction (3D-NR)
- Temporal noise reduction for luminance field based
- Temporal noise reduction for chrominance field based
- Separate motion detectors for luminance and chrominance
- Flexible programming of the temporal noise reduction parameters
- Automatic measurement of the noise level (5 bit value, readable by I²C bus)
• TV mode detection by counting line numbers (PAL, NTSC, readable by I²C bus)
• Embedded memory
- 3.2 Mbit embedded DRAM core for field memories
- 128 kbit embedded DRAM core for line memories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com