Electronic Components Datasheet Search
  English  ▼

X  

CT1775 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # CT1775
Description  Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button CT1775 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
SCDCT1775 Rev B
012345
6
8
9
10
11
12
13
14
15
16
18
19
0
SERIAL DATA OUT
SYNC
15
14
13
12
11
10
9876
54321
0
P
19
7
17
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
ESE OUT
ENC ENABLE
SYNC SEL
SEND DATA
(LOAD DATA)
LATCH DATA
TRI-STATE DATA
DATA SELECT
STROBE DATA
END CYCLE
VALID SYNC
STROBE
CYCLE
START
VALID DATA
16µs
DATA SENT
SYNC
FIGURE 2 – TRANSMIT MODE TIMING
012
345
6
8910
11
12
13
14
15
16
18
19
0
19
7
17
12
4
5
3
SERIAL DATA IN
SYNC
15
14
13
12
11
10
9
8765
432
10
P
SYNC
15
14
13
TAKE DATA
16µs
PREVIOUS STATE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
UNDEFINED
15
DON’T CARE
DSC OUT
COMM / DATA SYNC
SERIAL DATA OUT
DATA SELECT 1
TRI-STATE DATA 1
VALID WORD 2
FLAG OUTPUTS3
BIT STATUS 4
END CYCLE
TAKE DATA
START CYCLE
STROBE DATA
PREVIOUS STATE
CURRENT SYNC
CURRENT DATA
NOT VALID
PREVIOUS STATE
PREVIOUS STATE
NOT VALID
FLAGS VALID
3
BIT STATUS VALID4
NOTES:
1. Parallel data is held continuously in second rank receiver register, and may be enabled onto the tri-state output at any time with a LOW on DATA SELECT.
2. VALID WORD will remainLOW for 20µsec then go HIGH, if a valid sync is not received.
3. FLAG OUTPUTS are valid only when VALID WORD is LOW. Flags are MODE CODE, RT Enable, BROADCAST and VAL CMD WD.
4. BIT STATUS is valid only if wraparound transmit plus receive cycle has been performed. LATCH DATA must be HIGH, and either S/T SELECT or
RX STROBE must be HIGH for the full wraparound cycle duration.
FIGURE 3 – RECEIVE MODE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com