Electronic Components Datasheet Search
  English  ▼

X  

CT1775 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # CT1775
Description  Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 10Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 11Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 12Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
w w w . a e r o f l e x. co m
i n f o - a m s @ a e r o f l e x. co m
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications, design,
function, or form of its products described herein. All
parameters must be validated for each customer's application
by engineering. No liability is assumed as a result of use of
this product. No patent licenses are implied.
SCDCT1775 Rev B
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
ORDERING INFORMATION
MODEL NUMBER
SCREENING
POWER SUPPLY
PACKAGE
CT1775
Military Temperature, -55°C to +125°C,
Screened to the individual test methods of
MIL-STD-883
+5V, ±12V to ±15V
Plug in
.100
1.850
1.200
TYP
Lead 1 & ESD
Designator
1.600
1.600
Pin 16
Pin 17
Pin 34
Pin 18
Pin 2
.050
TYP
1.400
1.590
.100
.095
Pin 1
.180 MIN
.190
MAX
Pin 36
Pin 35
Pin 52
Pin 50
Pin 51
Pin 68
.018 DIA
TYP
PLUG IN PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com