Electronic Components Datasheet Search
  English  ▼

X  

CT1775 Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # CT1775
Description  Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 10Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 11Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 12Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
SCDCT1775 Rev B
66
-12V
-12V power supply input.
67
RX DATA IN
Receiver input.
68
TX DATA OUT
Inverted transmitter output.
NOTES: In the above table, the symbols are defined as follows: *Indicates use of an internal pull-up resistor.
IIH = maximum input HIGH current with VIN = 2.5 volts.
IIL = maximum input LOW current with VIN = 0.4 volts.
IOH = maximum output HIGH current for VOUT = 2.5 volts minimum.
IOL = maximum output LOW current for VOUT = 0.4 volts maximum.
PIN FUNCTION AND LOADING TABLE (con’t)
PIN
#
NAME
IIH
(µA)
IIL
(mA)
IOH
(mA)
IOL
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com