Electronic Components Datasheet Search
  English  ▼

X  

CT1775 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # CT1775
Description  Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 10Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 11Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 12Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
SCDCT1775 Rev B
39
D13
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
40
D11
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
41
D9
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
42
D7
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
43
D5
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
44
D3
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
45
D1
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
46
LOAD DATA 2
20
-0.4
LOW on this input causes the data of the D0 through D7
outputs of the first rank transmit register to be loaded into
the second rank transmit register. A HIGH locks out the
second rank register inputs.
47
+5V
+5V power supply input.
48
+12V
+12Vpower supply input.
49
RX DATA IN
Inverted receiver input.
50
RX STROBE
40
-1.6
A LOW on this input disables the receiver output.
51
TX DATA OUT
Transmitter output.
52
CASE
Case connection.
53
DATA SELECT 2
20
-0.4
A LOW on this input causes the output of the second rank
receiver register to appear on D0 through D7 of the parallel
tri-state I/O.
54
DATA SELECT 1
20
-0.4
A LOW on this input causes the output of the second rank
receiver register to appear on D8 through D15 of the
parallel tri-state I/O.
55
ENA PAR CHECK
20
-0.4
A LOW on this input enables the function of ODD
PARITY.
56
D14
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
57
D12
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
58
D10
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
59
D8
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
60
D6
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
61
D4
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
62
D2
20
-0.2
-12
12
Part of 16 bit parallel tri-state I/O.
63
D0
20
-0.2
-12
12
LSB of 16 bit parallel tri-state I/O.
64
LOAD DATA 1
20
-0.4
A LOW on this input causes the data of the D8 through
D15 outputs of the first rank transmit register to be loaded
into the second rank transmit register. A HIGH locks out
the second rank register inputs.
65
GND
Power supply and logic retum
PIN FUNCTION AND LOADING TABLE (con’t)
PIN
#
NAME
IIH
(µA)
IIL
(mA)
IOH
(mA)
IOL
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com