Electronic Components Datasheet Search
  English  ▼

X  

LM2700 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2700
Description  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2700 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2700 Datasheet HTML 1Page - National Semiconductor (TI) LM2700 Datasheet HTML 2Page - National Semiconductor (TI) LM2700 Datasheet HTML 3Page - National Semiconductor (TI) LM2700 Datasheet HTML 4Page - National Semiconductor (TI) LM2700 Datasheet HTML 5Page - National Semiconductor (TI) LM2700 Datasheet HTML 6Page - National Semiconductor (TI) LM2700 Datasheet HTML 7Page - National Semiconductor (TI) LM2700 Datasheet HTML 8Page - National Semiconductor (TI) LM2700 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
12V
SW Voltage
18V
FB Voltage
7V
V
C Voltage
0.965V
≤ V
C ≤ 1.565V
SHDN Voltage (Note 1)
7V
FSLCT (Note 1)
12V
Maximum Junction Temperature
150˚C
Power Dissipation(Note 3)
Internally Limited
Lead Temperature
300˚C
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
ESD Susceptibility (Note 4)
Human Body Model
2kV
Machine Model
200V
Operating Conditions
Operating Junction
Temperature Range
(Note 5)
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage
2.2V to 12V
SW Voltage
17.5V
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C) Unless otherwise specified. VIN =2.2V and IL = 0A, unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 6)
Max
(Note 5)
Units
I
Q
Quiescent Current
FB = 2.2V (Not Switching)
FSLCT = 0V
1.2
2
mA
FB = 2.2V (Not Switching)
FSLCT = V
IN
1.3
2
mA
V
SHDN =0V
5
20
µA
V
FB
Feedback Voltage
1.2285
1.26
1.2915
V
I
CL(Note 7)
Switch Current Limit
V
IN = 2.7V (Note 8)
2.55
3.6
4.3
A
%V
FB/∆VIN
Feedback Voltage Line
Regulation
2.2V
≤ V
IN ≤ 12.0V
0.02
0.07
%/V
I
B
FB Pin Bias Current
(Note 9)
0.5
40
nA
V
IN
Input Voltage Range
2.2
12
V
g
m
Error Amp Transconductance
∆I = 5µA
40
155
290
µmho
A
V
Error Amp Voltage Gain
135
V/V
D
MAX
Maximum Duty Cycle
FSLCT = Ground
78
85
%
D
MIN
Minimum Duty Cycle
FSLCT = Ground
15
%
FSLCT = V
IN
30
f
S
Switching Frequency
FSLCT = Ground
480
600
720
kHz
FSLCT = V
IN
1
1.25
1.5
MHz
I
SHDN
Shutdown Pin Current
V
SHDN =VIN
0.008
1
µA
V
SHDN =0V
−0.5
−1
I
L
Switch Leakage Current
V
SW = 18V
0.02
20
µA
R
DSON
Switch R
DSON (Note 10)
V
IN = 2.7V, ISW =2A
80
150
m
Ω
Th
SHDN
SHDN Threshold
Output High
0.9
0.6
V
Output Low
0.6
0.3
V
UVP
On Threshold
1.95
2.05
2.2
V
Off Threshold
1.85
1.95
2.1
V
θ
JA
Thermal Resistance
(Note 11)
TSSOP, package only
150
˚C/W
LLP, package only
45
Note 1: This voltage should never exceed VIN.
Note 2: Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to
be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com