Electronic Components Datasheet Search
  English  ▼

X  

LM2700 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2700
Description  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2700 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2700 Datasheet HTML 1Page - National Semiconductor (TI) LM2700 Datasheet HTML 2Page - National Semiconductor (TI) LM2700 Datasheet HTML 3Page - National Semiconductor (TI) LM2700 Datasheet HTML 4Page - National Semiconductor (TI) LM2700 Datasheet HTML 5Page - National Semiconductor (TI) LM2700 Datasheet HTML 6Page - National Semiconductor (TI) LM2700 Datasheet HTML 7Page - National Semiconductor (TI) LM2700 Datasheet HTML 8Page - National Semiconductor (TI) LM2700 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagram
Top View
20012304
14-Lead TSSOP or LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM2700MT-ADJ
TSSOP-14
MTC14
94 Units, Rail
LM2700MTX-ADJ
TSSOP-14
MTC14
2500 Units, Tape and Reel
LM2700LD-ADJ
LLP-14
LDA14A
1000 Units, Tape and Reel
LM2700LDX-ADJ
LLP-14
LDA14A
4500 Units, Tape and Reel
Pin Description
Pin
Name
Function
1V
C
Compensation network connection. Connected to the output of the voltage error amplifier.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, active low.
4
AGND
Analog ground.
5
PGND
Power ground. PGND pins must be connected together directly at the part.
6
PGND
Power ground. PGND pins must be connected together directly at the part.
7
PGND
Power ground. PGND pins must be connected together directly at the part.
8
SW
Power switch input. Switch connected between SW pins and PGND pins.
9
SW
Power switch input. Switch connected between SW pins and PGND pins.
10
SW
Power switch input. Switch connected between SW pins and PGND pins.
11
NC
Pin not connected internally.
12
V
IN
Analog power input.
13
FSLCT
Switching frequency select input. V
IN = 1.25MHz. Ground = 600kHz.
14
NC
Connect to ground.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com