Electronic Components Datasheet Search
  English  ▼

X  

LM2700 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2700
Description  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2700 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2700 Datasheet HTML 7Page - National Semiconductor (TI) LM2700 Datasheet HTML 8Page - National Semiconductor (TI) LM2700 Datasheet HTML 9Page - National Semiconductor (TI) LM2700 Datasheet HTML 10Page - National Semiconductor (TI) LM2700 Datasheet HTML 11Page - National Semiconductor (TI) LM2700 Datasheet HTML 12Page - National Semiconductor (TI) LM2700 Datasheet HTML 13Page - National Semiconductor (TI) LM2700 Datasheet HTML 14Page - National Semiconductor (TI) LM2700 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Operation (Continued)
The phase margin can also be improved by adding C
C2 as
discussed earlier in the section. The equation for A
DC is
given below with additional equations required for the calcu-
lation:
mc ) 0.072fs (in V/s)
where R
L is the minimum load resistance, VIN is the maxi-
mum input voltage, g
m is the error amplifier transconduc-
tance found in the
Electrical Characteristics table, and R
D-
SON
is the value chosen from the graph ’R
DSON vs. VIN ’in
the
Typical Performance Characteristics section.
Layout Considerations
The LM2700 uses two separate ground connections, PGND
for the driver and NMOS power device and AGND for the
sensitive analog control circuitry. The AGND and PGND pins
should be tied directly together at the package. The feed-
back and compensation networks should be connected di-
rectly to a dedicated analog ground plane and this ground
plane must connect to the AGND pin. If no analog ground
plane is available then the ground connections of the feed-
back and compensation networks must tie directly to the
AGND pin. Connecting these networks to the PGND can
inject noise into the system and effect performance.
The input bypass capacitor C
IN, as shown in Figure 3, must
be placed close to the IC. This will reduce copper trace
resistance which effects input voltage ripple of the IC. For
additional input voltage filtering, a 100nF bypass capacitor
can be placed in parallel with C
IN, close to the VIN pin, to
shunt any high frequency noise to ground. The output ca-
pacitor, C
OUT, should also be placed close to the IC. Any
copper trace connections for the C
OUT capacitor can in-
crease the series resistance, which directly effects output
voltage ripple. The feedback network, resistors R
FB1 and
R
FB2, should be kept close to the FB pin, and away from the
inductor, to minimize copper trace connections that can in-
ject noise into the system. Trace connections made to the
inductor and schottky diode should be minimized to reduce
power dissipation and increase overall efficiency. For more
detail on switching power supply layout considerations see
Application Note AN-1149:
Layout Guidelines for Switching
Power Supplies.
Application Information
20012331
FIGURE 3. 600 kHz operation, 8V output
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com