Electronic Components Datasheet Search
  English  ▼

X  

LM2700 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2700
Description  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2700 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2700 Datasheet HTML 9Page - National Semiconductor (TI) LM2700 Datasheet HTML 10Page - National Semiconductor (TI) LM2700 Datasheet HTML 11Page - National Semiconductor (TI) LM2700 Datasheet HTML 12Page - National Semiconductor (TI) LM2700 Datasheet HTML 13Page - National Semiconductor (TI) LM2700 Datasheet HTML 14Page - National Semiconductor (TI) LM2700 Datasheet HTML 15Page - National Semiconductor (TI) LM2700 Datasheet HTML 16Page - National Semiconductor (TI) LM2700 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Information (Continued)
20012352
Load Transient for
Figure 5
VIN = 3.3V, IOUT = 200mAV 700mA V 200mA
CH1: IOUT 0.5A/div DC Coupled
CH2: VOUT 500mV/div AC Coupled
CH3: Inductor Current 1A/div DC Coupled
20µs/div
20012333
FIGURE 6. 600 kHz operation, 12V output
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com