Electronic Components Datasheet Search
  English  ▼

X  

TAS2559 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2559
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2559 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2559 Datasheet HTML 1Page - Texas Instruments TAS2559 Datasheet HTML 2Page - Texas Instruments TAS2559 Datasheet HTML 3Page - Texas Instruments TAS2559 Datasheet HTML 4Page - Texas Instruments TAS2559 Datasheet HTML 5Page - Texas Instruments TAS2559 Datasheet HTML 6Page - Texas Instruments TAS2559 Datasheet HTML 7Page - Texas Instruments TAS2559 Datasheet HTML 8Page - Texas Instruments TAS2559 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
3
TAS2559
www.ti.com
SLASEE8 – NOVEMBER 2016
Product Folder Links: TAS2559
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
(1)
A-weighted data.
PART
NUMBER
CONTROL
METHOD
Boost Voltage
SNR (1)
ICN
THD+N
Boost Control
Smart Amp
Digital Engine
TAS2552
I2C
8.5 V
94 dB
130 µV
-64 dB
Class-G
NO (External
Processing
Required)
TAS2553
I2C
7.5 V
94 dB
130 µV
-64 dB
Class-G
NO (External
Processing
Required)
TAS2555
I2C or SPI
8.5 V
111 dB
15.9 µV
-90 dB
Class-H
YES (Processing
on Chip)
TAS2557
I2C or SPI
8.5 V
111 dB
15.9 µV
-90 dB
Class-H
YES (Processing
on Chip)
TAS2559
I2C or SPI
8.5 V
111 dB
15.9 µV
-90 dB
Class-H
YES (Processing
on Chip)
TAS2560
I2C
8.5 V
111 dB
16.2 µV
-88 dB
Class-H
NO (External
Processing
Required)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com