Electronic Components Datasheet Search
  English  ▼

X  

TAS2559 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2559
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2559 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2559 Datasheet HTML 35Page - Texas Instruments TAS2559 Datasheet HTML 36Page - Texas Instruments TAS2559 Datasheet HTML 37Page - Texas Instruments TAS2559 Datasheet HTML 38Page - Texas Instruments TAS2559 Datasheet HTML 39Page - Texas Instruments TAS2559 Datasheet HTML 40Page - Texas Instruments TAS2559 Datasheet HTML 41Page - Texas Instruments TAS2559 Datasheet HTML 42Page - Texas Instruments TAS2559 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
39
TAS2559
www.ti.com
SLASEE8 – NOVEMBER 2016
Product Folder Links: TAS2559
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Programming (continued)
9.6.2 Device Power Up and Unmute Sequence
The following code example provide the correct sequence to power up and unmute the device. The PurePath™
Console 3 Software TAS2559 Application software will create output files with these commands. The following is
a example of powering up the part in DSP Mode 2 with proper sequencing.
Example script (ROM Mode 2):
#############################################################################################
i i2cstd
#mclk expected is 24.576 MHz
#configuring device registers for 8 ohm speaker load
###########################
DEVICE INIT SEQ START##############################################
w 98 00 00
#Page-0
w 98 7f 00
#Book-0
w 98 01 01
#Software reset
d 1
# wait 100us time for OTP-One Time Programmable memory values to be transferred to device
##### DSP PROG SETTING START
w 98 22 22
# use default coefficients and operate DSP in rom mode 2
##### DSP PROG SETTING END
###########################
DEVICE INIT SEQ END ###############################################
###################
CHANNEL POWER UP
####################################################
w 98 05 A3
# Power up Analog Blocks
w 98 04 B8
# Power up DSP and clock dividers
w 98 07 00
# Unmute Analog Blocks
w 98 7f 64
# switch to book100
w 98 07 00
# Soft stepped unmute of audio playback
############################################################################################
##### DSP coeff update START
# d 1
# DSP filter coefficient update if required
##### DSP coeff update END
b ############device powered up and running##########



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com