Electronic Components Datasheet Search
  English  ▼

X  

TAS2559 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2559
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2559 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS2559 Datasheet HTML 32Page - Texas Instruments TAS2559 Datasheet HTML 33Page - Texas Instruments TAS2559 Datasheet HTML 34Page - Texas Instruments TAS2559 Datasheet HTML 35Page - Texas Instruments TAS2559 Datasheet HTML 36Page - Texas Instruments TAS2559 Datasheet HTML 37Page - Texas Instruments TAS2559 Datasheet HTML 38Page - Texas Instruments TAS2559 Datasheet HTML 39Page - Texas Instruments TAS2559 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
6 Biquad
EQ
Battery
Guard
Brownout
Vbatt
Class-H
Boost
On/Off
Boost
Level
DAC
Vbatt
36
TAS2559
SLASEE8 – NOVEMBER 2016
www.ti.com
Product Folder Links: TAS2559
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.5.4 Software Reset
The TAS2559 internal logic must be initialized to a known condition for proper device function by doing a
software reset. Performing software reset after a hardware reset is mandatory for reliable device boot up. A
software reset can be accomplished by asserting RESET bit in Table 21, which is self clearing. This will restore
all registers to their default values. After software reset is performed, no register read/write should be performed
within 100us while initialization sequence occurs.
Table 21. Software Reset
RESET[0] (RESET)
Action
0
Don't reset (default)
1
Reset(Self clearing)
9.5.5 Device Processing Modes
The TAS2559 DSP can be initialized into one of three modes. The advanced processing features in these
modes, such as battery guard, thermal fold-back, brownout, and boost are configured using PurePath™ Console
3 Software TAS2559 Application
Table 22. Device Power Mode
BOOT_MODE[3:0] (DSP_MODE)
Operating Mode
0000
Reserved
0001
Mode 1 - PCM input playback only (default)
0010
Mode 2 - PCM input playback + PCM IVsense output
0011
Mode 3 - Smart Amp Mode
9.5.5.1 Mode 1 - PCM input playback only
ROM mode 1 provides the quickest initialization for the TAS2559 power up and is the lowest power mode. This
mode can be used to play a known power up audio sequence before the rest of the audio system software is
loaded. The mode provides fault protection, brownout protection, volume control, and Class-H controller. The EQ
and Battery Guard can be enabled wth minimal additional configuration. The speaker protection algorithm is not
running in this mode and the I/V sense ADCs are powered down to minimize power consumption. The PLL can
be disabled for even lower power consumption if the MCLK supplied is at least 12.288MHz for any fs which is
multiple or sub-multiple of 48kHz, or 11.2896 MHz for Fs of 44.1kHz. This mode should be used to characterize
the electrical performance on the TAS2559 without any influence from the protection algorithm present in other
modes.
Figure 41. ROM Mode 1 Processing Block Diagram
9.5.5.2 Mode 2 - PCM input playback + PCM IVsense output
ROM mode 2 is similar to ROM mode 1 except the I/V sense ADCs are powered up and the data is routed back
on the L/R return channels of the ASI port. This mode can be used to return the I/V data to the host and perform
alternate computations on the speaker I/V measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com