Electronic Components Datasheet Search
  English  ▼

X  

TAS2559 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2559
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2559 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS2559 Datasheet HTML 45Page - Texas Instruments TAS2559 Datasheet HTML 46Page - Texas Instruments TAS2559 Datasheet HTML 47Page - Texas Instruments TAS2559 Datasheet HTML 48Page - Texas Instruments TAS2559 Datasheet HTML 49Page - Texas Instruments TAS2559 Datasheet HTML 50Page - Texas Instruments TAS2559 Datasheet HTML 51Page - Texas Instruments TAS2559 Datasheet HTML 52Page - Texas Instruments TAS2559 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
49
TAS2559
www.ti.com
SLASEE8 – NOVEMBER 2016
Product Folder Links: TAS2559
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
0x3E
GPIO2_PIN
GPIO2
GPIO2_PIN (book=0x00 page=0x01 address=0x3E) [reset=1h]
0x3F
GPIO3_PIN
GPIO3
GPIO3_PIN (book=0x00 page=0x01 address=0x3F)
[reset=10h]
0x40
GPIO4_PIN
GPIO4
GPIO4_PIN (book=0x00 page=0x01 address=0x40) [reset=7h]
0x41
GPIO5_PIN
GPIO5
GPIO5_PIN (book=0x00 page=0x01 address=0x41) [reset=0h]
0x42
GPIO6_PIN
GPIO6
GPIO6_PIN (book=0x00 page=0x01 address=0x42) [reset=0h]
0x43
GPIO7_PIN
GPIO7
GPIO7_PIN (book=0x00 page=0x01 address=0x43) [reset=0h]
0x44
GPIO8_PIN
GPIO8
GPIO8_PIN (book=0x00 page=0x01 address=0x44) [reset=0h]
0x45
GPIO9_PIN
GPIO9
GPIO9_PIN (book=0x00 page=0x01 address=0x45) [reset=0h]
0x46
GPIO10_PIN
GPIO10
GPIO10_PIN (book=0x00 page=0x01 address=0x46)
[reset=0h]
0x4D
GPI_PIN
GPI Pin Mode
GPI_PIN (book=0x00 page=0x01 address=0x4D) [reset=0h]
0x4F
GPIO_HIZ_1
GPIO HiZ 1
GPIO_HIZ_1 (book=0x00 page=0x01 address=0x4F)
[reset=0h]
0x50
GPIO_HIZ_2
GPIO HiZ 2
GPIO_HIZ_2 (book=0x00 page=0x01 address=0x50)
[reset=0h]
0x51
GPIO_HIZ_3
GPIO HiZ 3
GPIO_HIZ_3 (book=0x00 page=0x01 address=0x51)
[reset=0h]
0x52
GPIO_HIZ_4
GPIO HiZ 4
GPIO_HIZ_4 (book=0x00 page=0x01 address=0x52)
[reset=0h]
0x53
GPIO_HIZ_5
GPIO HiZ 5
GPIO_HIZ_5 (book=0x00 page=0x01 address=0x53)
[reset=0h]
0x58
BIT_BANG_OUT1
Bit Bang Output 1
BIT_BANG_OUT1 (book=0x00 page=0x01 address=0x58)
[reset=0h]
0x59
BIT_BANG_OUT2
Bit Bang Output 2
BIT_BANG_OUT2 (book=0x00 page=0x01 address=0x59)
[reset=0h]
0x5A
BIT_BANG_IN1
Bit Bang Input 1
BIT_BANG_IN1 (book=0x00 page=0x01 address=0x5A)
[reset=0h]
0x5B
BIT_BANG_IN2
Bit Bang Input 2
BIT_BANG_IN2 (book=0x00 page=0x01 address=0x5B)
[reset=0h]
0x5C
BIT_BANG_IN3
Bit Bang Input 3
BIT_BANG_IN3 (book=0x00 page=0x01 address=0x5C)
[reset=0h]
0x60
ASIM_BUSKEEP
ASIM Buskeeper
ASIM_BUSKEEP (book=0x00 page=0x01 address=0x60)
[reset=0h]
0x61
ASIM_MODE
ASIM Mode
ASIM_MODE (book=0x00 page=0x01 address=0x61)
[reset=8h]
0x62
ASIM_NUM_DEV
ASIM Number Devices
ASIM_NUM_DEV (book=0x00 page=0x01 address=0x62)
[reset=0h]
0x63
ASIM_FORMAT
ASIM Format
ASIM_FORMAT (book=0x00 page=0x01 address=0x63)
[reset=10h]
0x64
ASIM_BDIV_CLK
ASIM BDIV Clock
ASIM_BDIV_CLK (book=0x00 page=0x01 address=0x64)
[reset=1h]
0x65
ASIM_BDIV_RATIO
ASIM BDIV Ratio
ASIM_BDIV_RATIO (book=0x00 page=0x01 address=0x65)
[reset=2h]
0x66
ASIM_WDIV_RATIO_1
ASIM WDIV Ratio
ASIM_WDIV_RATIO_1 (book=0x00 page=0x01
address=0x66) [reset=0h]
0x67
ASIM_WDIV_RATIO_2
ASIM WDIV Ratio
ASIM_WDIV_RATIO_2 (book=0x00 page=0x01
address=0x67) [reset=20h]
0x68
ASIM_BCLK
ASI1 BCLK
ASIM_BCLK (book=0x00 page=0x01 address=0x68)
[reset=40h]
0x69
ASIM_WCLK
ASI1 WCLK
ASIM_WCLK (book=0x00 page=0x01 address=0x69)
[reset=38h]
0x6A
ASIM_DIN
ASI1 DIN
ASIM_DIN (book=0x00 page=0x01 address=0x6A) [reset=70h]
0x6C
INT_GEN_1
Interrupt Generation 1
INT_GEN_1 (book=0x00 page=0x01 address=0x6C)
[reset=0h]
0x6D
INT_GEN_2
Interrupt Generation 2
INT_GEN_2 (book=0x00 page=0x01 address=0x6D)
[reset=0h]
0x6E
INT_GEN_3
Interrupt Generation 3
INT_GEN_3 (book=0x00 page=0x01 address=0x6E)
[reset=0h]
0x6F
INT_GEN_4
Interrupt Generation 4
INT_GEN_4 (book=0x00 page=0x01 address=0x6F)
[reset=0h]
0x70
INT_GEN_5
Interrupt Generation 5
INT_GEN_5 (book=0x00 page=0x01 address=0x70)
[reset=0h]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com