Electronic Components Datasheet Search
  English  ▼

X  

VT1697SB Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # VT1697SB
Description  Increased Power Density with Fewer External Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VT1697SB Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button VT1697SB Datasheet HTML 4Page - Maxim Integrated Products VT1697SB Datasheet HTML 5Page - Maxim Integrated Products VT1697SB Datasheet HTML 6Page - Maxim Integrated Products VT1697SB Datasheet HTML 7Page - Maxim Integrated Products VT1697SB Datasheet HTML 8Page - Maxim Integrated Products VT1697SB Datasheet HTML 9Page - Maxim Integrated Products VT1697SB Datasheet HTML 10Page - Maxim Integrated Products VT1697SB Datasheet HTML 11Page - Maxim Integrated Products VT1697SB Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Maxim Integrated Products, Inc.
VT1697SB
Theory of Operation
VOLTAGE REGULATION
Maxim smart slave ICs provide the control logic, drivers, mon-
itoring circuits and power semiconductors for a synchronous
buck converter with fault protection, status monitoring and
accurate lossless current sensing. Phases are controlled by
the Master IC independently by separate phase control sig-
nals.
Power Switch Control and Drivers
The smart slave ICs operate in conjunction with a Maxim
Master IC. The Master controller will configure the voltage
regulator based on its configuration resistors and the number
of phases populated. The smart slave device’s switching is
controlled by the proprietary command signals on the phase
control lines. The phase control signal has three defined
states: high, low and a "tri-state". "Tri-state" is used for phase
shedding and DCM modes. An external boost capacitor is
required to supply the voltage for the high-side switch driver.
VDD and VCC are brought out separately to allow separate
decoupling to improve noise immunity on the VDD rail.
Current Sense Output
The integrated lossless current sense (or “current reconstruc-
tion”) produces a precise ratiometric current sense signal for
both positive and negative currents which is sent to the mas-
ter as an analog current signal. This current sense technology
provides accurate current information over load and tempera-
ture that is not affected by tolerances of passive elements
such as the output inductor, resistors and capacitors.
Phase Configuration
The ability for the Master to dynamically disable and re-
enable a phase is an integral part of the Maxim Master/Slave
architecture. The Master sets the phase control signal to “tri-
state” to disable a phase. The same state is used to control
DCM operation. When using a coupled inductor, a proprietary
mode (Coupled Inductor Mode) may be set by the master and
communicated to the smart slave via the phase control signal
to minimize losses due to coupled currents in inactive phases.
PROTECTION CIRCUITS
Overcurrent Protection
The smart slave ICs incorporate instantaneous overcurrent
fault protection using the lossless current sense/reconstruc-
tion. This overcurrent protection is separate from the system
overcurrent protection, and is intended to operate only in
extreme fault conditions to protect the IC and other compo-
nents. The system overcurrent protection set by the master
should be set with sufficient margin below the individual
Slave’s threshold to ensure correct system operation.
For current sourcing operation, if the instantaneous current in
the top switch (based on the current sense/reconstruction cir-
cuit) exceeds the overcurrent protection value shown in the
Electrical Characteristics table, the slave will regulate the
period of the top-side switch so as to keep its peak current at
a safe level. The protection threshold has been set to ensure
that the IC's maximum allowable peak current is not exceeded
when using the recommended inductors. The sourcing cur-
rent limiting is not considered a hard fault condition for slave,
and therefore TS_FAULTB will not be asserted. Since clamp-
ing is based on instantaneous reconstructed current, the rip-
ple current must be considered when calculating the
maximum average current per slave. The maximum average
current before clamping can be calculated as shown in
Equation 1. Note that the clamping is based on reconstructed
current. Limits shown in the Electrical Characteristics table for
Clamp Level reflect expected variations in application condi-
tions and external component characteristics. Also note that
the master (i.e., system) overcurrent protection should be set
lower than the corresponding slaves' maximum operating cur-
rent as stated above.
Equation 1
For current sinking protection, if the negative overcurrent pro-
tection threshold is reached, the slave limits the current and
TS_FAULTB is not asserted.
The VT1697SB implements an additional OCP shutdown
level (beyond the clamp levels). If the current in the top switch
exceeds the OCP shutdown level (shown in the Electrical
Characteristics table), the IC is turned OFF and fault is
reported by asserting FAULTB pin. The slave is then latched
OFF until the power is cycled.
VDD and VBOOST Undervoltage Lockout
The smart slave ICs include undervoltage lockout circuits:
VDD and VBOOST. For power sequencing guidelines and oper-
ation with separate bias rails for master and slaves, please
refer to appropriate master data sheet. VBOOST UVLO is
active at all times after the initial system start up. It is not
active during the initial system power on state (before regula-
tion is enabled) and is activated approximately 20µs after ini-
tial start up. If either of these UVLO circuits is tripped during
operation, the smart slave will stop switching and a fault sig-
nal (TS_FAULTB pulled LOW) will be sent to the master.
Maximum Average DC Slave Current
OCP
I
RIPPLE
2
-------------------
–
=
where,
OCP
= Peak OCP Clamp Level (A)
IRIPPLE
= Peak-to-Peak Inductor Ripple Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com