Electronic Components Datasheet Search
  English  ▼

X  

VT1697SB Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # VT1697SB
Description  Increased Power Density with Fewer External Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VT1697SB Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button VT1697SB Datasheet HTML 5Page - Maxim Integrated Products VT1697SB Datasheet HTML 6Page - Maxim Integrated Products VT1697SB Datasheet HTML 7Page - Maxim Integrated Products VT1697SB Datasheet HTML 8Page - Maxim Integrated Products VT1697SB Datasheet HTML 9Page - Maxim Integrated Products VT1697SB Datasheet HTML 10Page - Maxim Integrated Products VT1697SB Datasheet HTML 11Page - Maxim Integrated Products VT1697SB Datasheet HTML 12Page - Maxim Integrated Products VT1697SB Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Maxim Integrated Products, Inc.
VT1697SB
Theory of Operation
VIN (VDDH) Undervoltage and Overvoltage Lockout
The slaves include protection circuits that shut down the slave
and assert TS_FAULTB if VDDH is above or below the correct
operating range. If either of these circuits is tripped during
operation, the slave will stop switching and a fault signal
(TS_FAULTB pulled LOW) will be sent to the master.
Temperature Sensing and Overtemperature
Protection
Each smart slave IC incorporates an accurate die tempera-
ture sensor. The temperature sense signal is sent to the mas-
ter as an analog signal via the temperature sense pin. The
actual temperature of each smart slave device is then made
available via the SMBus of the master. The smart slave IC
also includes overtemperature protection. If the trip point is
reached, the IC immediately shuts down and the fault is
reported to the master via the TS_FAULTB pin.
VX Short Protection
The smart slave ICs include a VX short detection to detect a
local short circuit from the VX node to either VDDH or ground.
If such a fault is detected, the slave shuts down and commu-
nicates a fault to the master via the TS_FAULTB pin.
TS_FAULTB Signal
If a fault is detected, the smart slave sends a signal to the
master by pulling the TS_FAULTB pin to ground. Under nor-
mal conditions, this pin is used to send an accurate analog
representation of the slave temperature. If a fault is detected,
this pin is asserted LOW to indicate that a fault condition was
detected by a slave IC. Table 1 shows the faults that result in
this signal being asserted. For a latching fault, the fault must
be cleared and the VDD power cycled to re-enable the IC (for
non-latching faults, see note below the Table 1.). Please refer
to the applicable master IC data sheet for details about han-
Table 1: Fault Detection and Protection Circuits
Fault
Description
Type
Fault Flag (TS_FAULTB)
Boost UVLO
Undervoltage Lockout on Boost Supply
Shutdown*
Asserted
VDDH UVLO
Undervoltage Lockout on VDDH
Shutdown*
Asserted
VDDH OVLO
Overvoltage Lockout Signal on VDDH
Shutdown*
Asserted
VDD UVLO
Undervoltage Lockout Signal on VDD
Shutdown*
Asserted
VX Short
VX Short-to-Ground or VDDH
Shutdown
Asserted
POCP (Sourcing)
Positive/Sourcing Overcurrent Protection
Cycle-by-Cycle Current Limit
Not Asserted
NOCP (Sinking)
Negative/Sinking Overcurrent Protection
Cycle-by-Cycle Current Limit
Not Asserted
OTP
Overtemperature Protection
Shutdown
Asserted
*
VDDH_UVLO, VDDH_OVLO, VBST_UVLO and VDD_UVLO are non-latching faults. If a non-latching fault is detected by the slave, it will assert TS_FAULTB
signal low and stop switching. The slave resumes switching and de-asserts TS_FAULTB around 37µs from when the fault condition is removed. Please refer
to the master data sheet for master response to TS_FAULTB asserted LOW by the slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com