Electronic Components Datasheet Search
  English  ▼

X  

VT1697SB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # VT1697SB
Description  Increased Power Density with Fewer External Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VT1697SB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button VT1697SB Datasheet HTML 2Page - Maxim Integrated Products VT1697SB Datasheet HTML 3Page - Maxim Integrated Products VT1697SB Datasheet HTML 4Page - Maxim Integrated Products VT1697SB Datasheet HTML 5Page - Maxim Integrated Products VT1697SB Datasheet HTML 6Page - Maxim Integrated Products VT1697SB Datasheet HTML 7Page - Maxim Integrated Products VT1697SB Datasheet HTML 8Page - Maxim Integrated Products VT1697SB Datasheet HTML 9Page - Maxim Integrated Products VT1697SB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Maxim Integrated Products, Inc.
VT1697SB
Pinout and Block Diagrams
Figure 2: VT1697SB Pinout (QFN-16)
PIN INFORMATION FOR VT1697SB SMART SLAVE DEVICE
VDDH (Pin 1): 12V input supply voltage node. This node con-
nects to the 12V input power supply source. High-frequency
decoupling capacitors must be placed in close proximity to
the slave IC on the same side as the VT1697SB. See Table 2
for reference.
VSS (Pins 2-5): Power switch ground node. These nodes
normally connect directly to the ground plane.
VX (Pins 6-9): Switching node. These nodes connect the
switching node of the power devices to the output inductor.
BST (Pin 10): Bootstrap supply for high-side drivers.
VCC (Pin 11): 1.8V supply for low-side drivers.
VDD (Pin 12): 1.8V supply for control circuits.
PWM (Pin 13): PWM input node. Connect this node to the
PWM output pin from the Master.
GND (Pin 14): Ground for control circuits.
ISENSE (Pin 15): Current sense output node. Connect this
node to the current sense input of the Master through a sim-
ple passive filter.
TS_FAULTB (Pin 16): Temperature sense and fault output
node. Connect this node to the temperature sense pin of the
Master through a simple passive filter.
1
2
3
4
Top View
5
6
9
10
7
8
VDDH
VSS
VSS
VSS
VSS
16
15
14
13
12
11
BST
VX
VX
VX
VX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com