Electronic Components Datasheet Search
  English  ▼

X  

VT1697SB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # VT1697SB
Description  Increased Power Density with Fewer External Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VT1697SB Datasheet(HTML) 3 Page - Maxim Integrated Products

  VT1697SB Datasheet HTML 1Page - Maxim Integrated Products VT1697SB Datasheet HTML 2Page - Maxim Integrated Products VT1697SB Datasheet HTML 3Page - Maxim Integrated Products VT1697SB Datasheet HTML 4Page - Maxim Integrated Products VT1697SB Datasheet HTML 5Page - Maxim Integrated Products VT1697SB Datasheet HTML 6Page - Maxim Integrated Products VT1697SB Datasheet HTML 7Page - Maxim Integrated Products VT1697SB Datasheet HTML 8Page - Maxim Integrated Products VT1697SB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Maxim Integrated Products, Inc.
VT1697SB
Electrical Characteristics
VDD = VCC = 1.71V - 1.98V, VDDH = 12V. The  symbol denotes specifications which apply over the following temperature
range: TJ = 0 to 125°C, otherwise specifications are for TJ = 25°C. The # symbol denotes specifications which apply over the
following temperature range: TJ = -25 to 125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltages , Supply Current
VDD, VCC
Bias Supply Voltage
1.71
1.98
V
VDDH
Power Train Input Voltage
8.5
12.0
14.0
V
ICC + IDD
1.8V Bias Supply Current
Shutdown (See Note 1)
0.5
2
µA
Inactive, No Switching (See Note 2)
3.2
5.0
mA
Load = 0A, VOUT = 1.8V, Fsw = 1.5MHz
43
61
mA
Load = 0A, VOUT = 1.8V, Fsw = 300KHz
14
20
mA
Load = 0A, VOUT = 1.8V, Fsw = 600KHz
29
41
mA
IDDH
12V Bias Supply Current
Shutdown (See Note 1)
1.3
10
µA
Inactive, No Switching (See Note 2)
6.5
20
µA
IRECON Specification
AI
Current gain (IL to ISENSE)-70A < IL < 70A
95000
100000
105000
A/A
Temperature Sensor Specifications
TRANGE
Temperature Sensor Dynamic Range
0
150
°C
ATEMP
Temperature Sensor Gain
3.01
mV/°C
–
Temperature Sensor Voltage
TJ = 0°C
832
mV
Protection Features
VDD_UVLO
VDD UVLO Threshold (Rising)
1.47
1.57
1.64
V
VDD UVLO Threshold (Falling)
1.41
1.5
1.58
V
VDDH_OVLO
VDDH OVLO Threshold (Rising)
15.48
16
16.41
V
VDDH OVLO Threshold (Falling)
14.95
15.5
15.81
V
VDDH_UVLO
VDDH UVLO Threshold (Rising)
4.05
4.27
4.40
V
VDDH UVLO Threshold (Falling)
3.90
4.09
4.25
V
VBST_UVLO
VBST UVLO Threshold (Rising)
Note 3
1.39
1.52
1.66
V
VBST UVLO Threshold (Falling)
Note 3
1.32
1.45
1.57
V
OCP
Peak Positive OCP Clamp Level
59
67
80
A
Peak Positive OCP Clamp Delay
63
ns
Peak Positive OCP Shutdown Level
99
110
121
A
Peak Positive OCP Shutdown Delay
42
ns
Peak Negative OCP Clamp Level
-79.1
-71.9
-64.7
A
Peak Negative OCP Delay
110
ns
OTP
Overtemperature Shutdown
Rising Threshold
140
150
165
°C
PWM Input
VIH
Input Voltage, High State
VDD - 0.20
V
VIL
Input Voltage, Low State
0.20
V
–
Tristate Control Threshold (VIN Rising)
0.63
V
TS_FAULTB Input
VIH
TS_FAULTB Digital Threshold VIH
0.41
V
VIL
TS_FAULTB Digital Threshold VIL
0.17
V
Note 1:
TSENSE, PWM and ISENSE pins of the slave are pulled LOW by the master. The slave is in this state before master OE is enabled.
Note 2:
Inactive, no switching: PWM signal is tristated by the master. The slave is in this mode when the master sheds a phase (temporarily disabling this slave) to save
power at lighter loads.
Note 3:
VBST_UVLO is measured with respect to VX and not from ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com