Electronic Components Datasheet Search
  English  ▼

X  

MIC5012 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5012
Description  Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5012 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5012 Datasheet HTML 1Page - Micrel Semiconductor MIC5012 Datasheet HTML 2Page - Micrel Semiconductor MIC5012 Datasheet HTML 3Page - Micrel Semiconductor MIC5012 Datasheet HTML 4Page - Micrel Semiconductor MIC5012 Datasheet HTML 5Page - Micrel Semiconductor MIC5012 Datasheet HTML 6Page - Micrel Semiconductor MIC5012 Datasheet HTML 7Page - Micrel Semiconductor MIC5012 Datasheet HTML 8Page - Micrel Semiconductor MIC5012 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
April 1998
5-119
MIC5012
Micrel
5
Input
Source
Gate
1/2 MIC5012
V+
Gnd
IRF540
10µF
Figure 3. Bootstrapped
High-Side Driver
Control Input
+
LOAD
100nF
1N4001 (2)
1N5817
7 to 15V
Applications Information (Continued)
Input
Source
Gate
1/2 MIC5012
V+
Gnd
IRFP044 (2)
10µF
Figure 5. 50-Ampere
Industrial Switch
+
LOAD
24V
330k
Ω
100k
Ω
OFF
ON
CR2943-NA102A
(GE)
pitfalls most often encountered during prototyping: Sup-
plies: many bench power supplies have poor transient
response. Circuits that are being pulse tested, or those that
operate by pulse-width modulation will produce strange
results when used with a supply that has poor ripple
rejection, or a peaked transient response. Always monitor
the power supply voltage that appears at the drain of a high-
side driver (or the supply side of the load in a low-side driver)
with an oscilloscope. It is not uncommon to find bench
power supplies in the 1kW class that overshoot or under-
shoot by as much as 50% when pulse loaded. Not only will
the load current and voltage measurements be affected, but
it is possible to over-stress various components—espe-
cially electrolytic capacitors—with possibly catastrophic
results. A 10
µF supply bypass capacitor at the chip is
recommended.
Residual Resistances: Resistances in circuit connections
may also cause confusing results. For example, a circuit
may employ a 50m
Ω power MOSFET for low drop, but
careless construction techniques could easily add 50 to
100m
Ω resistance. Do not use a socket for the MOSFET. If
the MOSFET is a TO-220 type package, make high-current
drain connections to the tab. Wiring losses have a profound
effect on high-current circuits. A floating millivoltmeter can
identify connections that are contributing excess drop un-
der load.
Circuit Topologies
The MIC5012 is suited for use with standard MOSFETs in
high- or low-side driver applications. In addition, the MIC5012
works well in applications where, for faster switching times,
the supply is bootstrapped from the MOSFET source out-
put. Low voltage, high-side drivers (such as shown in Figure
1) are the slowest; their speed is reflected in the gate turn-
on time specifications. The fastest drivers are the low-side
and bootstrapped high-side types (Figures 2 and 4). Load
current switching times are often much faster than the time
to full gate enhancement, depending on the circuit type, the
MOSFET, and the load. Turn-off times are essentially the
same for all circuits (less than 10
µs to V
GS = 1V). The choice
of one topology over another is based on a combination of
considerations including speed, voltage, and desired sys-
tem characteristics.
High-Side Driver (Figure 1). The high-side topology works
well down to V+ = 7V with standard MOSFETs. From 4.75
to 7V supply, a logic-level MOSFET can be substituted
since the MIC5012 will not reach 10V gate enhancement
(10V is the maximum rating for logic-compatible MOSFETs).
100k
Ω
Figure 4. Improved
Opto-Isolator Performance
1k
Ω
To MIC5012
Input
100k
Ω
4N35
33k
Ω
33pF
MPSA05
15V
10mA
Control Input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com