Electronic Components Datasheet Search
  English  ▼

X  

MIC5012 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5012
Description  Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5012 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5012 Datasheet HTML 1Page - Micrel Semiconductor MIC5012 Datasheet HTML 2Page - Micrel Semiconductor MIC5012 Datasheet HTML 3Page - Micrel Semiconductor MIC5012 Datasheet HTML 4Page - Micrel Semiconductor MIC5012 Datasheet HTML 5Page - Micrel Semiconductor MIC5012 Datasheet HTML 6Page - Micrel Semiconductor MIC5012 Datasheet HTML 7Page - Micrel Semiconductor MIC5012 Datasheet HTML 8Page - Micrel Semiconductor MIC5012 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MIC5012
Micrel
5-118
April 1998
03
69
12
15
SUPPLY VOLTAGE (V)
GATE
C
=10 nF
GATE
C
=1 nF
0
10
20
30
40
50
Turn-off Time
0.5
0.75
1.0
1.25
1.5
1.75
2.0
–25
0
25
50
75
100 125
DIE TEMPERATURE (
°C)
Turn-on Time
0
50
100
150
200
250
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
Charge Pump
Output Current
V
=V
GATE
+
V
=V +5V
GATE
+
VS=V –5V
+
Typical Characteristics (Continued)
Block Diagram
CHARGE
PUMP
LOGIC
MIC5012
Ground
500
Ω
V+
Gate
Source
Input
12.5V
CHARGE
PUMP
LOGIC
500
Ω
V+
Gate
Source
Input
12.5V
312
4
2
14
10
6
5
11
Applications Information
Functional Description (Refer to Block Diagram)
The MIC5012 consists of two independent drivers sharing
a common ground. The functions are controlled via a logic
block connected to the logic input. When the input is low, all
functions are turned off for low standby current and the gate
of the power MOSFET is also held low through 500
Ω to an
N-channel switch. When the input is taken above the turn-
on threshold (3.5V typical), the N-channel switch turns off
and the charge pump is turned on to charge the gate of the
power FET.
The charge pump incorporates a 100kHz oscillator and on-
chip pump capacitors capable of charging 1nF to 5V above
supply in 60
µs typical. The charge pump is capable of
pumping the gate up to over twice the supply voltage. For
this reason, a zener clamp (12.5V typical) is provided
between the gate pin and source pin to prevent exceeding
the V
GS rating of the MOSFET at high supplies.
Since the supply pins are independent, the two drivers
contained in the MIC5012 can be operated from separate
supplies of different values (see Figure 6).
Construction Hints
High current pulse circuits demand equipment and assem-
bly techniques that are more stringent than normal, low
current lab practices. The following are the sources of



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com