Electronic Components Datasheet Search
  English  ▼

X  

MIC5012 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5012
Description  Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5012 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5012 Datasheet HTML 1Page - Micrel Semiconductor MIC5012 Datasheet HTML 2Page - Micrel Semiconductor MIC5012 Datasheet HTML 3Page - Micrel Semiconductor MIC5012 Datasheet HTML 4Page - Micrel Semiconductor MIC5012 Datasheet HTML 5Page - Micrel Semiconductor MIC5012 Datasheet HTML 6Page - Micrel Semiconductor MIC5012 Datasheet HTML 7Page - Micrel Semiconductor MIC5012 Datasheet HTML 8Page - Micrel Semiconductor MIC5012 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC5012
Micrel
5-114
April 1998
General Description
The MIC5012 is the dual member of the Micrel MIC501X
driver family. These ICs are designed to drive the gate of an
N-channel power MOSFET above the supply rail in high-
side power switch applications. The 14-pin MIC5012 is
extremely easy to use, requiring only a power FET and
nominal supply decoupling to implement either a high- or
low-side switch.
The MIC5012 charges a 1nF load in 60
µs typical. Operation
down to 4.75V allows the MIC5012 to drive standard
MOSFETs in 5V low-side applications by boosting the gate
voltage above the logic supply. In addition, multiple, paral-
leled MOSFETs can be driven by a single MIC5012 for ultra-
high current applications.
Other members of the Micrel driver family include the
MIC5010 full-featured driver, MIC5011 minimum parts count
driver, and MIC5013 protected 8-pin driver.
For new designs, Micrel recommends the pin-compatible
MIC5016 dual MOSFET driver.
Features
• 4.75V to 32V operation
• 2 independent drivers; implements high and low side
drivers
• Less than 1
µA standby current in the “off” state per
channel
• Available in small outline SOIC packages
• Internal charge pump to drive the gate of an N-channel
power FET above supply
• Internal zener clamp for gate protection
• Minimum external parts count
• Can be used to boost drive to low-side power FETs
operating on logic supplies
• Independent supply pins for half-bridge applications
Applications
• Lamp drivers
• Motion Control
• Heater switching
• Power bus switching
• Half or full H-bridge drivers
Typical Applications
Ordering Information
Part Number
Temp. Range
Package
MIC5012BN
–40
°C to +85°C
14-pin Plastic DIP
MIC5012BWM
–40
°C to +85°C
16-pin Wide SOIC
Input
Source
Gate
1/2 MIC5012
V+
Gnd
+
10µF
Control Input
#6014
IRF531
14.4V
Figure 1. High Side Driver
ON
OFF
Input
Source
Gate
1/2 MIC5012
V+
Gnd
48V
5V
IRF530
100W
Heater
+
10µF
Control Input
Figure 2. Low Side Driver
ON
OFF
Protected under one or more of the following Micrel patents:
patent #4,951,101; patent #4,914,546
Note: The MIC5012 is ESD sensitive.
MIC5012
Dual High- or Low-Side MOSFET Driver
Not Recommended for New Designs


Similar Part No. - MIC5012

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
MIC5010BM MICREL-MIC5010BM Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
MIC5010BN MICREL-MIC5010BN Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
More results

Similar Description - MIC5012

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
USB Power Control Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
Dual USB Power Control Switch Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
Quad Integrated High-Side Switch Not Recommended for New Designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_11 Datasheet
100Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
Dual P-Channel MOSFET Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com