Electronic Components Datasheet Search
  English  ▼

X  

ISO7710FDW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7710FDW
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710FDW Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO7710FDW Datasheet HTML 20Page - Texas Instruments ISO7710FDW Datasheet HTML 21Page - Texas Instruments ISO7710FDW Datasheet HTML 22Page - Texas Instruments ISO7710FDW Datasheet HTML 23Page - Texas Instruments ISO7710FDW Datasheet HTML 24Page - Texas Instruments ISO7710FDW Datasheet HTML 25Page - Texas Instruments ISO7710FDW Datasheet HTML 26Page - Texas Instruments ISO7710FDW Datasheet HTML 27Page - Texas Instruments ISO7710FDW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
-.244
.228
-6.19
5.80
[
]
.069 MAX
[1.75]
6X .050
[1.27]
8X .012-.020
[0.31-0.51]
2X
.150
[3.81]
TYP
-.010
.005
-0.25
0.13
[
]
0 - 8
-.010
.004
-0.25
0.11
[
]
.010
[0.25]
-.050
.016
-1.27
0.41
[
]
.041
[1.04]
A
NOTE 3
-.197
.189
-5.00
4.81
[
]
B
NOTE 4
-.157
.150
-3.98
3.81
[
]
SOIC
SOIC - 1.75 mm max height
D0008B
4221445/B 04/2014
NOTES:
1. Linear dimensions are in inches [millimeters]. Dimensions in parenthesis are for reference only. Controlling dimensions are in inches.
Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed .006 [0.15], per side.
4. This dimension does not include interlead flash.
5. Reference JEDEC registration MS-012, variation AA.
1
8
.010 [0.25]
C A
B
5
4
PIN 1 ID AREA
SEATING PLANE
.004 [0.1] C
SEE DETAIL A
TYPICAL
DETAIL A
SCALE 2.800
24
ISO7710
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7710
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com