Electronic Components Datasheet Search
  English  ▼

X  

ISO7710FDW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7710FDW
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710FDW Datasheet(HTML) 5 Page - Texas Instruments

  ISO7710FDW Datasheet HTML 1Page - Texas Instruments ISO7710FDW Datasheet HTML 2Page - Texas Instruments ISO7710FDW Datasheet HTML 3Page - Texas Instruments ISO7710FDW Datasheet HTML 4Page - Texas Instruments ISO7710FDW Datasheet HTML 5Page - Texas Instruments ISO7710FDW Datasheet HTML 6Page - Texas Instruments ISO7710FDW Datasheet HTML 7Page - Texas Instruments ISO7710FDW Datasheet HTML 8Page - Texas Instruments ISO7710FDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
ISO7710
www.ti.com
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: ISO7710
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ISO7710
UNIT
DW (SOIC)
D (SOIC)
(16-Pin)
(8-Pin)
RθJA
Junction-to-ambient thermal resistance
94.4
146.1
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
57.3
63.1
°C/W
RθJB
Junction-to-board thermal resistance
57.1
80.0
°C/W
ψJT
Junction-to-top characterization parameter
40.0
9.6
°C/W
ψJB
Junction-to-board characterization parameter
56.8
79.0
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
°C/W
6.5 Power Rating
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50 MHz 50% duty cycle square wave
50
mW
PD1
Maximum power dissipation by side-1
12.5
mW
PD2
Maximum power dissipation by side-2
37.5
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com