Electronic Components Datasheet Search
  English  ▼

X  

S812C Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S812C
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S812C Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S812C Datasheet HTML 18Page - Seiko Instruments Inc S812C Datasheet HTML 19Page - Seiko Instruments Inc S812C Datasheet HTML 20Page - Seiko Instruments Inc S812C Datasheet HTML 21Page - Seiko Instruments Inc S812C Datasheet HTML 22Page - Seiko Instruments Inc S812C Datasheet HTML 23Page - Seiko Instruments Inc S812C Datasheet HTML 24Page - Seiko Instruments Inc S812C Datasheet HTML 25Page - Seiko Instruments Inc S812C Datasheet HTML 26Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
1.5±0.11.5±0.1
1.6±0.2
4.5±0.1
13
2
1.5±0.1
0.4±0.05
0.4±0.1
0.45±0.1
0.4±0.1
45°
5
4
0.65min.
0.65min.
2.5±0.1
4.5 +0.2
-0.3
0.1
0.3
0.2
3.1
0.35
ø21±0.5
ø13±0.2
2±0.2
1 reel holds 1000 ICs.
Winding core
(60°)
(60°)
13.0±0.3
16.5max.
ø60
+1
-0
ø180
+0
-3
ø1.5+0.1
-0
2.0±0.1
0.3±0.05
4.0±0.1(10 pitches:40±0.2)
8.0±0.1
2.0±0.05
ø1.5+0.1
-0
4.75±0.1
T2
Feed direction
3°max.
5°max.
1.5±0.1
5.65±0.05
12.0±0.2
4.35±0.1
No. UP005-A-R-SD-1.0
No. UP005-A-C-SD-1.0
lTaping Specifications
lReel Specifications
No. UP005-A-P-SD-1.1
n SOT-89-5
lDimensions
UP005-A 000601
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com