Electronic Components Datasheet Search
  English  ▼

X  

S812C Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S812C
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S812C Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S812C Datasheet HTML 11Page - Seiko Instruments Inc S812C Datasheet HTML 12Page - Seiko Instruments Inc S812C Datasheet HTML 13Page - Seiko Instruments Inc S812C Datasheet HTML 14Page - Seiko Instruments Inc S812C Datasheet HTML 15Page - Seiko Instruments Inc S812C Datasheet HTML 16Page - Seiko Instruments Inc S812C Datasheet HTML 17Page - Seiko Instruments Inc S812C Datasheet HTML 18Page - Seiko Instruments Inc S812C Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Rev.1.0
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C Series
Seiko Instruments Inc.
15
(9) Current Consumption vs Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
VIN (V)
S-812C 20B
25°C
85°C
Ta= -40°C
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
VIN (V)
S-812C 30B
25°C
85°C
T a= -40°C
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
VIN (V)
S-812C 50B
25°C
85°C
T a= -40°C
(10)Power-off Pin Input Threshold vs Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
VIN (V)
Ta=-40°C
25°C
S-812C20B
85°C
Ta=-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com