Electronic Components Datasheet Search
  English  ▼

X  

S812C Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S812C
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S812C Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S812C Datasheet HTML 8Page - Seiko Instruments Inc S812C Datasheet HTML 9Page - Seiko Instruments Inc S812C Datasheet HTML 10Page - Seiko Instruments Inc S812C Datasheet HTML 11Page - Seiko Instruments Inc S812C Datasheet HTML 12Page - Seiko Instruments Inc S812C Datasheet HTML 13Page - Seiko Instruments Inc S812C Datasheet HTML 14Page - Seiko Instruments Inc S812C Datasheet HTML 15Page - Seiko Instruments Inc S812C Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Rev.1.0
S-812C Series
12
Seiko Instruments Inc.
(2) Maximum Output Current vs Input Voltage
0
20
40
60
80
100
120
140
04
8
12
16
VIN (V)
Ta=-40°C
S-812C20B
Short-circuit protection
25°C
85°C
0
50
100
150
200
04
8
12
16
VIN (V)
Ta=-40°C
S-812C30B
Short-circuit protection
25°C
85°C
0
50
100
150
200
250
300
04
8
12
16
VIN (V)
Ta=-40°C
S-812C50B
Short-circuit protection
25°C
85°C
S-812C20A
0
20
40
60
80
100
120
140
04
8
12
16
VIN (V)
85ºC
Ta=-40ºC
25ºC
No short-circuit protection
S-812C30A
0
50
100
150
200
04
8
12
16
VIN (V)
85ºC
Ta=
−40ºC
25ºC
No short-circuit protection
No short-circuit protection
S-812C50A
0
50
100
150
200
250
300
04
8
12
16
VIN(V)
85ºC
Ta=-40ºC
25ºC
Notice
The condition for input voltage and load current
should not exceed the package power dissipation.
Notice
The condition for input voltage and load current
should not exceed the package power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com