Electronic Components Datasheet Search
  English  ▼

X  

S812C Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S812C
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S812C Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S812C Datasheet HTML 13Page - Seiko Instruments Inc S812C Datasheet HTML 14Page - Seiko Instruments Inc S812C Datasheet HTML 15Page - Seiko Instruments Inc S812C Datasheet HTML 16Page - Seiko Instruments Inc S812C Datasheet HTML 17Page - Seiko Instruments Inc S812C Datasheet HTML 18Page - Seiko Instruments Inc S812C Datasheet HTML 19Page - Seiko Instruments Inc S812C Datasheet HTML 20Page - Seiko Instruments Inc S812C Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Rev.1.0
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C Series
Seiko Instruments Inc.
17
(2) Power-on by ON/OFF pin : S-812C30A (CL=10
µF; ceramic capacitor)
TIME (200
µs/div)
5V
0V
3V
VIN=5V, ON/OFF=0
→ 5V, IOUT=10mA, CL=10µF
0V
Load dependence of overshoot at power-on
CL dependence of overshoot at power-on
0.0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
IOUT (A)
S-812C 50B
S-812C 30B
V IN=VOUT(S)+2V , ON/OFF= 0
→ VOUT(S)+2V, CL=10µF
0.0
0.2
0.4
0.6
0.8
0
1020
3040
50
CL (
µF)
S-812C 50B
V IN=VOUT(S)+2V ,ON/OFF= 0
→VOUT(S)+2V, IOUT=10mA
S-812C 30B
VDD dependence of overshoot at power-on
Temperature dependence of overshoot at power-on
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
VDD (V)
S-812C 50B
S-812C 30B
V IN=VDD, ON/OFF=0
→ VDD, IOUT=10mA,CL=10µF
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
0
50
100
Ta (°C)
V IN=VOUT(S)+2V ,ON/OFF= 0
→VOUT(S)+2V,IOUT=10mA,
CL=10
µF
S-812C 30B
S-812C 50B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com