Electronic Components Datasheet Search
  English  ▼

X  

MS5540C Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MS5540C
Description  6 coefficients for software compensation stored on-chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5540C Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MS5540C Datasheet HTML 1Page - TE Connectivity Ltd MS5540C Datasheet HTML 2Page - TE Connectivity Ltd MS5540C Datasheet HTML 3Page - TE Connectivity Ltd MS5540C Datasheet HTML 4Page - TE Connectivity Ltd MS5540C Datasheet HTML 5Page - TE Connectivity Ltd MS5540C Datasheet HTML 6Page - TE Connectivity Ltd MS5540C Datasheet HTML 7Page - TE Connectivity Ltd MS5540C Datasheet HTML 8Page - TE Connectivity Ltd MS5540C Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MS5540C
Miniature Barometer Module
SENSOR SOLUTIONS ///MS5540C
09/2015
Page 2
FEATURES
Resolution 0.1 mbar
Supply voltage 2.2 V to 3.6 V
Low supply current < 5 µA
Standby current < 0.1 µA
-40°C to +85°C operation temperature
No external components required
APPLICATIONS
Mobile altimeter / barometer systems
Weather control systems
Adventure or multi-mode watches
GPS receivers
BLOCK DIAGRAM
VDD
GND
MCLK
SCLK
DOUT
DIN
Input MUX
ADC
Digital
Interface
Memory
(PROM)
64 bits
SENSOR
SGND
+IN
-IN
dig.
Filter
Sensor
Interface IC
Fig. 1: Block diagram MS5540C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com