Electronic Components Datasheet Search
  English  ▼

X  

MS5540C Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # MS5540C
Description  6 coefficients for software compensation stored on-chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5540C Datasheet(HTML) 4 Page - TE Connectivity Ltd

  MS5540C Datasheet HTML 1Page - TE Connectivity Ltd MS5540C Datasheet HTML 2Page - TE Connectivity Ltd MS5540C Datasheet HTML 3Page - TE Connectivity Ltd MS5540C Datasheet HTML 4Page - TE Connectivity Ltd MS5540C Datasheet HTML 5Page - TE Connectivity Ltd MS5540C Datasheet HTML 6Page - TE Connectivity Ltd MS5540C Datasheet HTML 7Page - TE Connectivity Ltd MS5540C Datasheet HTML 8Page - TE Connectivity Ltd MS5540C Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MS5540C
Miniature Barometer Module
SENSOR SOLUTIONS ///MS5540C
09/2015
Page 4
RECOMMENDED OPERATING CONDITIONS
(Ta = 25 °C, VDD = 3.0 V unless noted otherwise)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating pressure range
p
10
1100
mbar
abs.
Supply voltage
VDD
2.2
3.0
3.6
V
Supply current,
average (1)
during conversion (2)
standby (no conversion)
Iavg
Isc
Iss
VDD = 3.0 V
4
1
0.1
µA
mA
µA
Current consumption into MCLK
(3)
MCLK = 32.768 kHz
0.5
µA
Operating temperature range
T
-40
+85
°C
Conversion time
tconv
MCLK = 32.768 kHz
35
ms
External clock signal (4)
MCLK
30.000
32.768
35.000
kHz
Duty cycle of MCLK
40/60
50/50
60/40
%
Serial data clock
SCLK
500
kHz
NOTES
1) Under the assumption of one conversion every second. Conversion means either a pressure or a temperature
measurement started by a command to the serial interface of MS5540C.
2) During conversion the sensor will be switched on and off in order to reduce power consumption; the total on
time within a conversion is about 2 ms.
3) This value can be reduced by switching off MCLK while MS5540C is in standby mode.
4) It is strongly recommended that a crystal oscillator be used because the device is sensitive to clock jitter. A
square-wave form of the clock signal is a must.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com