Electronic Components Datasheet Search
  English  ▼

X  

MS5540C Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # MS5540C
Description  6 coefficients for software compensation stored on-chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5540C Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button MS5540C Datasheet HTML 8Page - TE Connectivity Ltd MS5540C Datasheet HTML 9Page - TE Connectivity Ltd MS5540C Datasheet HTML 10Page - TE Connectivity Ltd MS5540C Datasheet HTML 11Page - TE Connectivity Ltd MS5540C Datasheet HTML 12Page - TE Connectivity Ltd MS5540C Datasheet HTML 13Page - TE Connectivity Ltd MS5540C Datasheet HTML 14Page - TE Connectivity Ltd MS5540C Datasheet HTML 15Page - TE Connectivity Ltd MS5540C Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MS5540C
Miniature Barometer Module
SENSOR SOLUTIONS ///MS5540C
09/2015
Page 12
NOTES
1)
Readings of D2 can be done less frequently, but the display will be less stable in this case.
2) For a stable display of 1 mbar resolution, it is recommended to display the average of 8 subsequent
pressure values.
C1 (15 Bit)
C5/I
1 Bit
Word1
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB10
C5/II (10 Bit)
C6 (6 Bit)
Word2
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB5
DB4
DB3
DB2
DB1
DB0
C4 (10 Bit)
C2/I (6 Bit)
Word3
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB11
DB10
DB9
DB8
DB7
DB6
C3 (10 Bit)
C2/II (6-Bit)
Word4
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB5
DB4
DB3
DB2
DB1
DB0
Fig. 4: Arrangement (Bit-pattern) of calibration data in Word1 to Word4
SECOND-ORDER TEMPERATURE COMPENSATION
In order to obtain full temperature accuracy over the whole temperature range, it is recommended to compensate
for the non-linearity of the output of the temperature sensor. This can be achieved by correcting the calculated
temperature and pressure by a second order correction factor. The second-order factors are calculated as follows:
Fig. 5: Flow chart for calculating the temperature and pressure to the optimum accuracy.
No correction
T2 = 0
P2 = 0
High Temperatures
T2 = 3*(C6+24)*(450 - TEMP)*(450 – TEMP) / 220
P2 = T2 * (P - 10000)/2
13
TEMP < 200
yes
Calculate pressure and temperature
TEMP = TEMP – T2
P = P – P2
Low Temperatures
T2 = 11*(C6+24)*(200 - TEMP)*(200 – TEMP) / 220
P2 = 3 *T2 * (P - 3500)/2
14
TEMP > 450
yes
200
TEMP
450
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com