Electronic Components Datasheet Search
  English  ▼

X  

MS5540C Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # MS5540C
Description  6 coefficients for software compensation stored on-chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5540C Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button MS5540C Datasheet HTML 9Page - TE Connectivity Ltd MS5540C Datasheet HTML 10Page - TE Connectivity Ltd MS5540C Datasheet HTML 11Page - TE Connectivity Ltd MS5540C Datasheet HTML 12Page - TE Connectivity Ltd MS5540C Datasheet HTML 13Page - TE Connectivity Ltd MS5540C Datasheet HTML 14Page - TE Connectivity Ltd MS5540C Datasheet HTML 15Page - TE Connectivity Ltd MS5540C Datasheet HTML 16Page - TE Connectivity Ltd MS5540C Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MS5540C
Miniature Barometer Module
SENSOR SOLUTIONS ///MS5540C
09/2015
Page 13
SERIAL INTERFACE
The MS5540C communicates with microprocessors and other digital systems via a 3-wire synchronous serial
interface as shown in Fig. 1. The SCLK (Serial clock) signal initiates the communication and synchronizes the data
transfer with each bit being sampled by the MS5540C on the rising edge of SCLK and each bit being sent by the
MS5540C on the rising edge of SCLK. The data should thus be sampled by the microcontroller on the falling edge
of SCLK and sent to the MS5540C with the falling edge of SCLK.
The SCLK-signal is generated by the
microprocessor’s system. The digital data provided by the MS5540C on the DOUT pin is either the conversion result
or the software calibration data. In addition, the signal DOUT (Data out) is also used to indicate the conversion
status (conversion-ready signal, see below). The selection of the output data is done by sending the corresponding
instruction on the pin DIN (Data input).
Following is a list of possible output data instructions:
Conversion start for pressure measurement and ADC-data-out
“D1”
(Figure 6a)
Conversion start for temperature measurement and ADC-data-out
“D2”
(Figure 6b)
Calibration data read-out sequence for Word1
(Figure 6c)
Calibration data read-out sequence for Word2
(Figure 6d)
Calibration data read-out sequence for Word3
(Figure 6c)
Calibration data read-out sequence for Word4
(Figure 6d)
RESET sequence
(Figure 6e)
Every communication starts with an instruction sequence at pin DIN. Fig. 6 shows the timing diagrams for the
MS5540C. The device does not need a ‘Chip select’ signal. Instead there is a START sequence (3-Bit high) before
each SETUP sequence and STOP sequence (3-Bit low) after each SETUP sequence. The SETUP sequence
consists in 4-Bit that select a reading of pressure, temperature or calibration data. In case of pressure- (D1) or
temperature- (D2) reading the module acknowledges the start of a conversion by a low to high transition at pin
DOUT.
Two additional clocks at SCLK are required after the acknowledge signal. Then SCLK is to be held low by the
microcontroller until a high to low transition on DOUT indicates the end of the conversion.
This signal can be used to create an interrupt in the microcontroller. The microcontroller may now read out the 16
bit word by giving another 17 clocks on the SLCK pin. It is possible to interrupt the data READOUT sequence with
a hold of the SCLK signal. It is important to always read out the last conversion result before starting a new
conversion.
The RESET sequence is special as the module in any state recognizes its unique pattern. By consequence, it can
be used to restart if synchronization between the microcontroller and the MS5540C has been lost. This sequence
is 21-bit long. The DOUT signal might change during that sequence (see Fig. 6e). It is recommended to send the
RESET sequence before each CONVERSION sequence to avoid hanging up the protocol permanently in case of
electrical interference.
seq uen ce: START+P-measuremen t
Bit7
Conve rsion start for pressure measure ment and ADC-data-out "D1":
en d of co nv ersio n
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
co nv ersio n
(33 ms)
DB7
ADC-d ata ou tM SB
ADC-d ata ou tLSB
Bit8 Bit9
Start-bit
Sto p-b it
DB6 DB5 DB4 DB3 DB2 DB1
DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
start o f co nv ersion
Setu p-b its
Fig. 6a: D1 ACQUISITION sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com