Electronic Components Datasheet Search
  English  ▼

X  

UM1910 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1910
Description  Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1910 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1910 Datasheet HTML 3Page - STMicroelectronics UM1910 Datasheet HTML 4Page - STMicroelectronics UM1910 Datasheet HTML 5Page - STMicroelectronics UM1910 Datasheet HTML 6Page - STMicroelectronics UM1910 Datasheet HTML 7Page - STMicroelectronics UM1910 Datasheet HTML 8Page - STMicroelectronics UM1910 Datasheet HTML 9Page - STMicroelectronics UM1910 Datasheet HTML 10Page - STMicroelectronics UM1910 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UM1910
Hardware description and configuration
DocID027979 Rev 1
7/12
Figure 3: Schematic diagram
Table 6: BOM list (Part 1)
Item
Reference
Value
Q.ty
Description
Part number
1
C1 C6
100NF
2
CAP CER 100nF 50V X7R
0603
100NF_50V_X7R_0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com