Electronic Components Datasheet Search
  English  ▼

X  

UM1910 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1910
Description  Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1910 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1910 Datasheet HTML 1Page - STMicroelectronics UM1910 Datasheet HTML 2Page - STMicroelectronics UM1910 Datasheet HTML 3Page - STMicroelectronics UM1910 Datasheet HTML 4Page - STMicroelectronics UM1910 Datasheet HTML 5Page - STMicroelectronics UM1910 Datasheet HTML 6Page - STMicroelectronics UM1910 Datasheet HTML 7Page - STMicroelectronics UM1910 Datasheet HTML 8Page - STMicroelectronics UM1910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UM1910
Hardware description and configuration
DocID027979 Rev 1
5/12
Connector
Pin (1)
Signal
Remarks
5
BUSY / SYNC
CN6
2
VDD
6
Ground
7
Ground
CN8
1
VDD
3
Ground
Notes:
(1)All the unlisted pins are not connected.
Table 2: ST Morpho connector table
Connector
Pin (1)
Signal
Remarks
CN10
9
Ground
11
SPI SCK
See Section 2.1:
"Selecting the chip
select and clock lines
of the SPI"
13
SPI MISO
See Section 2.2:
"Multi-motor
configuration"
15
SPI MOSI
See Section 2.2:
"Multi-motor
configuration"
17
SPI CS
See Section 2.1:
"Selecting the chip
select and clock lines
of the SPI"
19
Step clock input
21
powerSTEP RESET
29
BUSY/SYNC
31
SPI CK
See Section 2.1:
"Selecting the chip
select and clock lines
of the SPI"
33
FLAG
CN7
12
VDD
20
Ground
22
Ground
28
ID
32
SPI CS
See Section 2.1:
"Selecting the chip
select and clock lines
of the SPI"
Notes:
(1)All the unlisted pins are not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com