Electronic Components Datasheet Search
  English  ▼

X  

UM1910 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1910
Description  Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1910 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1910 Datasheet HTML 1Page - STMicroelectronics UM1910 Datasheet HTML 2Page - STMicroelectronics UM1910 Datasheet HTML 3Page - STMicroelectronics UM1910 Datasheet HTML 4Page - STMicroelectronics UM1910 Datasheet HTML 5Page - STMicroelectronics UM1910 Datasheet HTML 6Page - STMicroelectronics UM1910 Datasheet HTML 7Page - STMicroelectronics UM1910 Datasheet HTML 8Page - STMicroelectronics UM1910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UM1910
Getting started
DocID027979 Rev 1
3/12
1
Getting started
The X-NUCLEO-IHM03A1 expansion board is a high power stepper motor driver covering
a wide range of applications. In particular, the maximum ratings of the board are the
following.
Power stage supply voltage (VS) from 10.5 V to 50 V
Motor phase current up to 10 A r.m.s.
Follow this sequence to start your project with the board:
1.
Check the jumper position based on your configuration (see Section 2: "Hardware
description and configuration").
2.
Plug the board to the STM32 Nucleo board through Arduino UNO R3 for the X-
NUCLEO-IHM03A1.
3.
Supply the board through the input 1 (VS) and 2 (ground) of the connector CN1. The
power OK (green) and fault (red) LEDs will turn on.
4.
Develop your application using the examples provided with the firmware library, X-
CUBE-SPN3, high power stepper motor driver software expansion for STM32Cube.
Further support material is available on the powerSTEP01 (www.st.com/powerstep)
and STM32 Nucleo web pages (www.st.com/stm32nucleo).
Up to three expansion boards can be stacked on the same STM32 Nucleo board
as described in Section 2.2: "Multi-motor configuration".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com