Electronic Components Datasheet Search
  English  ▼

X  

UM1910 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1910
Description  Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1910 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1910 Datasheet HTML 4Page - STMicroelectronics UM1910 Datasheet HTML 5Page - STMicroelectronics UM1910 Datasheet HTML 6Page - STMicroelectronics UM1910 Datasheet HTML 7Page - STMicroelectronics UM1910 Datasheet HTML 8Page - STMicroelectronics UM1910 Datasheet HTML 9Page - STMicroelectronics UM1910 Datasheet HTML 10Page - STMicroelectronics UM1910 Datasheet HTML 11Page - STMicroelectronics UM1910 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
UM1910
Hardware description and configuration
DocID027979 Rev 1
9/12
Item
Reference
Value
Q.ty
Description
Part number
23
R1 R2
0R1
2
RES 0.1 OHM 5% 2W
2512
0R1_5%_2512
24
R3 R8 R10
R11
0R
4
RES 0 OHM 5% 1/8W
0805
0R_5%_0805
25
R4-R7 R9
R12 R22
NP
7
RES NP 0805
R_NP_0805
26
R13 R25
R26
39K
3
RES 39K OHM 5% 1/10W
0603
39K_5%_0603
27
R14 R20
R21
330R
3
330R OHM 5% 1/10W
330R_5%_0603
28
R15 R23
0R
2
RES 0 OHM 5% 1/10W
0603
0R_5%_0603
29
R16-R19
10K
4
RES 10K OHM 5% 1/10W
0805 SMD
10K_5%_0805
30
R24 R27-
R30
NP
5
RES NP 0603
R_NP_0603
31
TP1
KEYSTONE-5000
1
TEST POINT RED
KEYSTONE 5000
32
U1
POWERSTEP01
1
Fully integrated stepper
motor driver
POWERSTEP01
Table 7: BOM list (Part 2)
Item
Manufact.
Manuf. Part number
Distributor
Distributor Part number
1
2
3
4
5
6
7
8
9
PANASONIC
EEV-FK2A680Q
10
NICHICON
UHE2A680MPD
11
PHOENIX CONTACT
MKDS1/6-3.81
RS
220-4377
12
SAMTEC
SSQ-102-04-F-S
13
SAMTEC
SSQ-110-04-F-S
14
SAMTEC
SSQ-108-04-F-S
15
SAMTEC
SSQ-119-04-L-D
16
SAMTEC
SSQ-106-04-F-S
17
STMICROELECTRONICS
BAR43SFILM
RS
714-0470
18
LITE-ON
LTST-C170-EKT
RS
692-0890
19
LITE-ON
LTST-C170-YKT
RS
692-0925
20
LITE-ON
LTST-C170-GKT
RS
692-0900
21
STMICROELECTRONICS
BAT46ZFILM
RS
714-6850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com