Electronic Components Datasheet Search
  English  ▼

X  

D2MC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2MC
Description  Low-torque Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2MC Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2MC Datasheet HTML 1Page - Omron Electronics LLC D2MC Datasheet HTML 2Page - Omron Electronics LLC D2MC Datasheet HTML 3Page - Omron Electronics LLC D2MC Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
138
Low-torque Basic Switch
D2MC
Highly Reliable Rotary-action Switch for
Low Torque Operation
0.5 A rated model (D2MC-01
j) employs crossbar
alloy #1 contacts which exhibit unsurpassed
contact reliability in very small load ranges.
High-capacity 5 A Model (D2MC-5
j) employs
silver contacts.
Long life (10,000,000 mechanical operations min.)
through use of a movable coil spring.
Ordering Information
Direction of actuation
OF
5 A
0.5 A
Clockwise
5.1 g
S cm max.
D2MC-5E
D2MC-01E
7.6 g
S cm max.
D2MC-5F
D2MC-01F
10.2 g
S cm max.
D2MC-5H
D2MC-01H
Counterclockwise
5.1 g
S cm max.
D2MC-5EL
D2MC-01EL
7.6 g
S cm max.
D2MC-5FL
D2MC-01FL
10.2 g
S cm max.
D2MC-5HL
D2MC-01HL
Note:
All the models listed here are supplied without actuator lever. If an actuator lever is required, please order separately by indicating the
model name of the actuator lever.
See
Accessories.
Specifications
Ratings
Item
D2MC-5
j
D2MC-01
j
Electrical ratings
5 A at 125/250 VAC (resistive load)
0.5 A t 125VAC/30 VDC (resistive load)
Inrush current
NC: 15 A; NO: 7 A
0.5 A
Contact Form
COM
NO
NC


Similar Part No. - D2MC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2MC-72083-LR INTERSIL-D2MC-72083-LR Datasheet
713Kb / 33P
Intelligent Digital Amplifier and Sound Processor
September 29, 2011
D2MC-72083-LR INTERSIL-D2MC-72083-LR Datasheet
767Kb / 32P
Powered Speaker Systems
D2MC-76083-LR INTERSIL-D2MC-76083-LR Datasheet
713Kb / 33P
Intelligent Digital Amplifier and Sound Processor
September 29, 2011
D2MC-76083-LR INTERSIL-D2MC-76083-LR Datasheet
767Kb / 32P
Powered Speaker Systems
More results

Similar Description - D2MC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
SWITCH-BASIC
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
SWITCH BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
SWITCH-BASIC
logo
List of Unclassifed Man...
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
SWITCH-BASIC
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
SWITCH-BASIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com