Electronic Components Datasheet Search
  English  ▼

X  

D2MC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2MC
Description  Low-torque Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2MC Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2MC Datasheet HTML 1Page - Omron Electronics LLC D2MC Datasheet HTML 2Page - Omron Electronics LLC D2MC Datasheet HTML 3Page - Omron Electronics LLC D2MC Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D2MC
D2MC
139
Characteristics
Item
D2MC-5
j
D2MC-01
j
Operating speed
1
° to 360°/sec
Operating frequency
Mechanical: 240 operations/min
Electrical:
20 operations/min
Mechanical: 240 operations/min
Electrical:
60 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
20 m
Ω max. (initial value)
100 m
Ω max. (initial value)
Dielectric strength
600 VAC, 50/60 Hz for 1 min between non-continuous terminals
1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between each
terminal and non-current-carrying metal part
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: D2MC-
jE: 100 m/s2 (approx. 10G)
D2MC-
jF: 100 m/s2 (approx. 10G)
D2MC-
jH: 200 m/s2 (approx. 20G)
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical:
100,000 operations min.
Mechanical: 10,000,000 operations min.
Electrical:
100,000 operations min. (1,000,000
operations at 0.1 A, 125 VAC/30 VDC)
Ambient temperature
Operating: –25
°C to 80°C (with no icing)
Ambient humidity
Operating: 85% max.
Weight
Approx. 10.5 g
Note:
All the models listed here are supplied without actuator lever. If an actuator lever is required, please order separately by indicating the
model name of the actuator lever.
See
“Accessories”.
Approved Standards
UL (File No. E41515)
CSA (File No. LR21642)
D2MC-5
j series: 5 A, 125 VAC
5 A, 250 VAC
D2MC-01
j series: 0.5 A, 125 VAC
0.5 A, 30 VDC
Operating Characteristics
Model
D2MC-
jE
D2MC-
jF
D2MC-
jH
OF max.
0.5 mN
S m (5.1 gf S cm)
0.75 mN
S m (7.6 gf S cm)
1.0 mN
S m (10.2 gf S cm)
RF min.
0.05 mN
S m (0.6 gf S cm)
0.09 mN
S m (0.9 gf S cm)
0.13 mN
S m (1.3 gf S cm)
PT max.
21
°
OT min.
17
°
MD min.
3
°
RT min.
5
°
TT min.
38
°
FP
15
±3°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com