Electronic Components Datasheet Search
  English  ▼

X  

D2MC Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2MC
Description  Low-torque Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2MC Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2MC Datasheet HTML 1Page - Omron Electronics LLC D2MC Datasheet HTML 2Page - Omron Electronics LLC D2MC Datasheet HTML 3Page - Omron Electronics LLC D2MC Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D2MC
D2MC
140
Engineering Data
Mechanical Life Expectancy
Electrical Life Expectancy
Overtravel (mm)
Switching current (A)
Without load
Operating frequency: 240 operations/minute
Overtravel (deg)
Operating frequency: 20 operations/minute
0.1 A 125 VAC
0.5 A 125 VAC
5 A 250 VAC
Dimensions
Note:
1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Snap-on Mounting
Counterclockwise
Mounting Holes
Two 3.1 dia. mounting
holes or M3 screw holes
23.8
± 0.1
8.7
± 0.1
31
#205 series quick connect
terminals (0.8 t)
18.2
17
14.1
10
27.8
17.5
FP
PT
OT
99
5
0.8
2
3.6
8.7
±0.1
3.1
±0.05
4
±0.1 dia.
0.8
Operating
direction
3.1
±0.05 dia.
3.6
23.8
±0.1
18
±0.1
19.3
PT
FP
OT
Clockwise



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com