Electronic Components Datasheet Search
  English  ▼

X  

D2MC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2MC
Description  Low-torque Basic Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2MC Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2MC Datasheet HTML 1Page - Omron Electronics LLC D2MC Datasheet HTML 2Page - Omron Electronics LLC D2MC Datasheet HTML 3Page - Omron Electronics LLC D2MC Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D2MC
D2MC
141
Accessories (Order Separately)
Actuator Lever
CAA1M for Snap-on Mounting
0.6 dia. stainless steel wire
50
±1
In addition to the standard wire lever model shown here, various
other levers are available upon request.
Mounting Actuator Lever
1. Insert the end of the actuator lever into the hole in the rotary
disc.
2. Push the lever down in the direction of the groove in the rotary
disc.
Designing Own Actuator
If you decide to make your own actuator lever, the materials used
should be stainless steel, piano wire, hard aluminum wire, etc.
There are no restrictions on the tip shape or length of the actuator
lever. However, if the lever is too long, improper switch resetting or
contact chattering may occur. Therefore, the shape of lever as
shown below is suitable.
0.6 dia. stainless steel wire
Center of
rotating axis
1.6
3.6
l
The appropriate value of dimension (
l) from the fulcrum is 50 mm.
Precautions
Mounting/Soldering
Use M3 mounting screws with plain washers or spring washers to
mount the switch. Tighten the screws to a torque of 3 kg
S cm
(0.29 N
S m).
When soldering a lead wire to a terminal of the D2MC, use a solder-
ing iron with a maximum capacity of 60 W and do not take more than
5 s to solder the lead wire, otherwise the characteristics of the
D2MC may be altered.
Applying a soldering iron for too long a time or using one that is rated
at more than 60 W may degrade the switch characteristics.
Do not change the operating position by modifying the actuator.
Microvoltage/current Load
For details, refer to
“General Information”.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. B51-E1-6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com