Electronic Components Datasheet Search
  English  ▼

X  

HAL115 Datasheet(PDF) 5 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 5 Page - Micronas

  HAL115 Datasheet HTML 1Page - Micronas HAL115 Datasheet HTML 2Page - Micronas HAL115 Datasheet HTML 3Page - Micronas HAL115 Datasheet HTML 4Page - Micronas HAL115 Datasheet HTML 5Page - Micronas HAL115 Datasheet HTML 6Page - Micronas HAL115 Datasheet HTML 7Page - Micronas HAL115 Datasheet HTML 8Page - Micronas HAL115 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HAL115
MICRONAS INTERMETALL
5
Electrical Characteristics, continued
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
ten(O)
Enable Time of Output after
Setting of VDD
3
–
6
50
µs
VDD = 12 V
tr
Output Rise Time
3
–
85
400
ns
VDD = 12 V, RL = 820 Ohm,
CL = 20 pF
tf
Output Fall Time
3
–
60
400
ns
VDD = 12 V, RL = 820 Ohm,
CL = 20 pF
RthJSB
case
SOT-89A
Thermal Resistance Junction to
Substrate Backside
–
150
200
K/W
Fiberglass Substrate,
30 mm x 10 mm x 1,5mm
pad size see Fig. 6
RthJA
case
TO-92UA
Thermal Resistance
Junction to Soldering Point
–
150
200
K/W
Leads at ambient tempera-
ture at a distance of 2 mm
from case
Magnetic Characteristics at TJ = –40 °C to +100 °C, VDD = 4.3 V to 24 V,
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Parameter
Min.
Typ.
Max.
Unit
On point BON
–10.7
1.2
12.5
mT
Off point BOFF
–12.5
–1.2
10.7
mT
Hysteresis BHYS
1.8
2.4
7
mT
BOFF min
BON max
BHYS
Output Voltage
Fig. 5: Definition of magnetic switching points and
hysteresis
0
Fig. 6: Recommended pad size SOT-89A
Dimensions in mm
5.0
2.0
2.0
1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com