Electronic Components Datasheet Search
  English  ▼

X  

HAL115 Datasheet(PDF) 7 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 7 Page - Micronas

  HAL115 Datasheet HTML 1Page - Micronas HAL115 Datasheet HTML 2Page - Micronas HAL115 Datasheet HTML 3Page - Micronas HAL115 Datasheet HTML 4Page - Micronas HAL115 Datasheet HTML 5Page - Micronas HAL115 Datasheet HTML 6Page - Micronas HAL115 Datasheet HTML 7Page - Micronas HAL115 Datasheet HTML 8Page - Micronas HAL115 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HAL115
MICRONAS INTERMETALL
7
0
2
4
6
8
10
12
14
–50
0
50
100
150
°C
mA
TA
IDD
Typical supply current
versus ambient temperature
VDD = 24 V
VDD = 4.5 V
HAL 115
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30 V
mA
VDD
IDD
Typical supply current
versus supply voltage
TA = 0 °C
HAL 115
TA = 25 °C
TA = 100 °C
see note 2
Application Note
Because of inherent reverse voltage protection, no
diode is needed at pin 1 for reverse voltages ranging
from 0 V to –15 V.
For electromagnetic immunity, it is recommended to ap-
ply a 330 pF minimum capacitor between VDD (pin 1)
and Ground (pin 2).
For applications requiring robustness to conducted dis-
turbances (transients), a 220
Ω series resistor to pin 1
and a 4.7 nF capacitor between VDD (pin 1) and Ground
(pin 2) is recommended.
Because of the IDD peak at 4.1 V, the series resistor
should not be greater than 270
Ω.
The series resistor and the capacitor should be placed
as close as possible to the IC.
Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient tem-
perature TA).
TJ = TA + ∆T
At static conditions, the following equations are valid:
– for SOT-89A:
∆T = IDD * VDD * RthJSB
– for TO-92UA:
∆T = IDD * VDD * RthJA
For typical values, use the typical parameters. For worst
case calculation, use the max. parameters for IDD and
Rth, and the max. value for VDD from the application.
Recommended Application Circuit for DC Fans
HAL115
1
2
3
3.3 k
R1
L1
R2
3.3 k
L2
C1
C2
2.2
µ/50 V
2.2
µ
/50 V
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com