Electronic Components Datasheet Search
  English  ▼

X  

HAL115 Datasheet(PDF) 6 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 6 Page - Micronas

  HAL115 Datasheet HTML 1Page - Micronas HAL115 Datasheet HTML 2Page - Micronas HAL115 Datasheet HTML 3Page - Micronas HAL115 Datasheet HTML 4Page - Micronas HAL115 Datasheet HTML 5Page - Micronas HAL115 Datasheet HTML 6Page - Micronas HAL115 Datasheet HTML 7Page - Micronas HAL115 Datasheet HTML 8Page - Micronas HAL115 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HAL115
MICRONAS INTERMETALL
6
Note 1: In the following diagrams “Magnetic switch
points versus ambient temperature”, the curves for
BONmin, BONmax, BOFFmin, and BOFFmax refer to junc-
tion temperature, whereas typical curves refer to
ambient temperature.
Note 2: The dropping characteristic of the supply current
versus the supply voltage is caused by the internal pow-
er dissipation.
–20
–10
0
10
20
–50
0
50
100
150
BONmax
BOFFmin
BOFFtyp
mT
TA,TJ
BON,
BOFF
°C
HAL 115
Magnetic switching points
versus ambient temperature
BONmin
BOFFmax
BONtyp
VDD = 12 V
0
1
2
3
4
5
6
–50
0
50
100
150
mT
TA
BHYS
°C
HAL 115
Typical hysteresis versus
ambient temperature
VDD = 24 V
VDD = 4.5 V
VDD = 3.0 V
0
100
200
300
400
–50
0
50
100
150
°C
mV
TA
VOL
Typical output low voltage
versus ambient temperature
VDD = 24 V
VDD = 4.5 V
HAL 115
IO = 12.5 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com